Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 120 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 120 Page - Intel Corporation

Back Button PIIX Datasheet HTML 114Page - Intel Corporation PIIX Datasheet HTML 115Page - Intel Corporation PIIX Datasheet HTML 116Page - Intel Corporation PIIX Datasheet HTML 117Page - Intel Corporation PIIX Datasheet HTML 118Page - Intel Corporation PIIX Datasheet HTML 119Page - Intel Corporation PIIX Datasheet HTML 120Page - Intel Corporation PIIX Datasheet HTML 121Page - Intel Corporation PIIX Datasheet HTML 122Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
120
Table 19. NAND Tree
Pin #
Pin Name
Notes
198
C/BE0#
199
AD7
200
AD6
201
AD5
202
AD4
203
AD3
204
AD2
205
AD1
206
AD0
3
SERR#
4
IRQ1
Inverted input signal
5
IRQ8#
Inverted input signal
6
IOCHK#
Inverted input signal
10
IRQ9
Inverted input signal
11
SD4
12
DREQ2
13
SD3
14
SD2
15
ZEROWS#
Inverted input signal
16
SD1
17
SD0
18
IOCHRDY
19
SMEMR#
20
AEN
21
DACK3#
22
SMEMW#
23
IOR#
24
IOW#
25
DREQ3
28
RSTDRV
29
DACK1#
Intermediate NAND-tree
output.
30
DREQ1
31
REFRESH#
32
IRQ7
Inverted input signal
Table 19. NAND Tree
Pin #
Pin Name
Notes
33
IRQ6
Inverted input signal
34
IRQ5
Inverted input signal
35
DD15
36
DD14
37
DD13
38
DD12
39
DD11
40
DD10
41
DD9
43
DD8
44
DD7
45
DD6
46
DD5
47
DD4
48
DD3
49
DD2
50
DD1
55
DD0
56
IRQ4
Inverted input signal
57
SA7
58
IRQ3
Inverted input signal
59
SA6
60
DACK2#
61
SA5
62
TC
63
SA4
64
BALE
66
SA3
67
SA2
68
SA1
69
SA0
70
MEMCS16#
71
IOCS16#
72
LA23
73
IRQ10
Inverted input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com