Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 57 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 53Page - STMicroelectronics RM0319 Datasheet HTML 54Page - STMicroelectronics RM0319 Datasheet HTML 55Page - STMicroelectronics RM0319 Datasheet HTML 56Page - STMicroelectronics RM0319 Datasheet HTML 57Page - STMicroelectronics RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics RM0319 Datasheet HTML 60Page - STMicroelectronics RM0319 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
57/368
queue of the core controller, and a single read data interface back from the core controller to
the port interface blocks. The architecture of the multiport system is shown in Figure 16.
Figure 16.
Memory controller architecture
The interface blocks contain FIFOs for commands, READ and WRITE data, handling any
clock domain crossings as required. From the port interface blocks, commands are
processed by an arbiter which feeds single commands to the command queue of the
memory controller core. WRITE and READ data are routed directly to the WRITE and
READ data queues of the memory controller core, arbiter independently.
Each port has a distinct WRITE data interface to the WRITE data queue of the memory
controller core. However, for READ data, all ports share a single READ data interface back
to the port interface blocks.
6.3.1
AHB memory controller interfaces
The memory controller core interfaces with 5 AHB data ports and 1 AHB register port. The
AHB data ports function as AHB slaves to external AHB masters such as CPUs, DMAs and
other peripherals. The port implementation is restricted to support the AHB-lite protocol and
is designed for multilayer AHB architectures. This implies that an AHB slave port will never
respond with a SPLIT or a RETRY response type. Early termination of AHB bursts is fully
supported.
Note:
An AHB slave port can be used in a system with masters that support the full AHB protocol
as long as the system is multilayer AHB.
The AHB memory controller interfaces handle all communication between the AHB bus and
the memory controller core. An incoming AHB transaction is first synchronized from the
AHB clock domain to the core clock domain, then mapped into a core-level transaction, and
finally stored in the AHB port FIFOs. From the AHB FIFOs, the transaction is presented to
the arbiter which arbitrates requests from all ports and forwards a single transaction to the
core.
AHB0
AHB1
AHB2
AHB3
AHB4
Placement
Logic
Port queue
Port queue
Port queue
Port queue
Port queue
Arbiter
Write data
queue
Command
queue
Read data
queue
CFG
REG
DRAM
Command
Logic
AHB-CFG
PHY
CORE Controller
AHB Port I/
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com