Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 91 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
91/368
The delay compensation circuitry relies on a master/slave approach. There is a master
delay line which is used to determine how many delay elements constitute a complete cycle.
This count is used, along with the programmable fractional delay settings, to determine the
actual number of delay elements to program into the slave delay lines. The master and slave
delay lines are identical. This approach allows the memory controller to observe a clock and
then delay other signals a fixed percentage of that clock. The DCC logic does not actively
generate clock signals.
The delay parameters are listed in Table 33. The total delay can be determined based on
the following equation, where param is one of the parameters in the table:
delay = #delays in one cycle × (param[6:0]) /128
1.
Separate delay chains for each DQS signal from the DRAM devices.
2.
Support for multiple DQ:DQS ratios
The DQS bus is a bidirectional bus that is driven by the memory controller on writes and the
memory on reads. When neither device is driving the bus, DQS will remain in a high-
impedance state. However, DQS is only relevant to the memory controller during reads in
order to capture valid data. For this reason, the DQS signal from memory must be gated so
that it is ignored at all other times. Gating of the DQS signal is shown in Figure 4, DQS
gating.
The timing of when to start gating the DQS depends on the design itself, the flight time of
the clock to memory, and the flight time of the data/DQS to the memory controller, as
follows:
●
If the round trip time is between ½ cycle and 1½ cycles, program the caslat_lin
parameter equal to the caslat parameter.
●
If the round trip time is less than ½ cycle, program the caslat_lin parameter one value
less (which translates to ½ cycle) than the caslat parameter to open the gate ½ cycle
sooner.
●
lf the round trip time is longer than 1½ cycles, program the caslat_lin parameter one
value more (which translates to ½ cycle) than the caslat parameter to open the gate ½
cycle later.
In addition, the caslat_lin_gate parameter controls the opening of the gating signal.
Nominally, caslat_lin_gate should have the same value as the caslat_lin parameter.
However, to accommodate the skew of the memory devices, it may be necessary to open
the gate a 1/2-cycle sooner or later. Adjusting the value of caslat_lin_gate modifies the gate
opening by this factor.
6.5
Reset
There are two sets of reset logic inside the memory controller: the reset for the memory
controller core and the reset for the AHB ports.
Table 33.
Delay parameters
Operation
Parameter
Clock
wr_dqs_shift
Read
dll_dqs_delay_X
Write
dqs_out_shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com