Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 39 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 35Page - STMicroelectronics RM0319 Datasheet HTML 36Page - STMicroelectronics RM0319 Datasheet HTML 37Page - STMicroelectronics RM0319 Datasheet HTML 38Page - STMicroelectronics RM0319 Datasheet HTML 39Page - STMicroelectronics RM0319 Datasheet HTML 40Page - STMicroelectronics RM0319 Datasheet HTML 41Page - STMicroelectronics RM0319 Datasheet HTML 42Page - STMicroelectronics RM0319 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 368 page
background image
RM0319
BootROM
Doc ID 022640 Rev 3
39/368
5.5.4
X-Loader and U-Boot header
typedef struct image_header
{
uint32_t ih_magic; /* Image Header Magic Number */
uint32_t ih_hcrc; /* Image Header CRC Checksum */
uint32_t ih_time; /* Image Creation Timestamp */
uint32_t ih_size; /* Image Data Size */
uint32_t ih_load; /* Data Load Address */
uint32_t ih_ep; /* Entry Point Address */
uint32_t ih_dcrc; /* Image Data CRC Checksum */
uint8_t ih_os; /* Operating System */
uint8_t ih_arch; /* CPU architecture */
uint8_t ih_type; /* Image Type */
uint8_t ih_comp; /* Compression Type */
uint8_t ih_name[IH_NMLEN]; /* Image Name */
} image_header_t;
5.5.5
X-Loader and U-Boot authentication
At the next phase, X-Loader and U-Boot authentication is done by:
Comparing the value of the Boot_Strap_Reg (address 0xB3000000) to select the boot
mode
Comparing the magic number in received header with 0x27051956.
Checking the CRC of the image header and image received with the CRCs present in
the header.
5.6
Boot flows
A diagrammatic representation of the boot flow is given below. A detailed explanation of
each boot flow is explained in further sections:
Serial NOR Flash
UART0
BootROM Bypass
Parallel NAND Flash
USB upgrade
Parallel NOR Flash
Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com