Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 81 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 77Page - STMicroelectronics RM0319 Datasheet HTML 78Page - STMicroelectronics RM0319 Datasheet HTML 79Page - STMicroelectronics RM0319 Datasheet HTML 80Page - STMicroelectronics RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
81/368
some drawbacks. For this reason, MPMC offers two options that affect commands once they
have been placed in the command queue.
High-Priority command swapping
Commands are assigned priority values to ensure that critical commands are executed
before less important commands. Therefore, it is desirable that high-priority commands
cross the core as sooner as possible. The placement algorithm sorts commands by priority
though it cannot avoid a scenario such as a high-priority command waiting at the top of the
command queue while another command, possibly of a lower priority, is in process.
The high-priority command swapping feature allows this new high-priority command to be
executed quite sooner. If the user has enabled the swapping function by the swap_en
parameter, the entry at the top of the command queue will be compared with the current
command in progress. If the command queue's top entry is of a higher priority (not the same
priority), and it does not have an address, source ID or WRITE buffer conflict with the
current command being executed, the original command will be interrupted.
If the command has to be interrupted, it will be halted after completing the current burst,
stacked and placed at the top of the queue, while the new command will be executed. As
long as the command queue is not full, new commands may continue to be inserted into the
command queue based on the placement rules, even at the head of the queue ahead of the
interrupted command. The top entry in the command queue will be executed next.
Whenever the interrupted command is resumed, it will start from the point at which it was
interrupted.
Note:
Priority 0 commands could never be interrupted, so the user should set any commands that
should not be interrupted to priority 0.
Command ageing
Since commands can be inserted ahead of existing commands in the command queue, it
could happen a low priority command remains at the bottom of the queue indefinitely. To
avoid such a lockout condition, aging counters have been included in the placement logic
that measure the number of cycles that each command has been waiting. If command aging
is enabled through the active_ageing parameter and an aging counter hits its maximum, the
priority of the associated command will be decremented by one (lower priority commands
are executed first). This increases the likelihood that this command will move to the top of
the command queue and be executed.
Note:
This command does not move relative positions in the command queue when it ages; the
new priority will be considered when placing new commands into the command queue.
Aging is controlled by a master aging-rate counter and command aging counters associated
with each command in the command queue. The age_count and command_age_count
parameters hold the initial values for each of these counters, respectively. When the master
counter counts down the age_count value, a signal is sent to the command aging counters
to decrement. When the command aging counters have completely decremented, the
priority of the associated command is decremented by one and the counter is reset.
Therefore, a command does not age by a priority level until the total elapsed cycles has
reached the product of the age_count and command_age_count values. The maximum
number of cycles that any command can wait in the command queue until reaching the top
priority level is the product of the age_count value, the command_age_count value, and the
number of priority levels in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com