Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 94 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 368 page
background image
Serial NOR Flash controller (SMI)
RM0319
94/368
Doc ID 022640 Rev 3
7.3
Functional description
Figure 21 shows the block diagram of SMI.
SMI consists of two main interfaces:
●
The clock prescaler (Section 7.3.1)
●
The data processing and control (Section 7.3.2)
Figure 21.
SMI block diagram
7.3.1
Clock prescaler
The SMI clock prescaler block allows to set up the memory clock SMI_CLK using the AHB
clock HCLK, as detailed in Section 7.4.
7.3.2
Data processing and control
The SMI data processing and control block represents the logic controlling the transfer of
data between SPI-compatible off-chip memory and AHB bus. Transfer rules through both
AHB-to-SMI and SMI-to-memory interfaces. The different data transfer modes between SPI-
compatible off-chip memory and AHB bus are detailed in Section 7.3.4.
SMI Clock
Prescaler
(1 to 127)
Data,
command
Bank select
Transmit Register
Receive Register/
Status Regsiter
Control and
Status Register
AHB Slave
Interface
SMI Data processing
and Control
Clock
SPI-
Compatible
Memories
Data,
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com