Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 68 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 64Page - STMicroelectronics RM0319 Datasheet HTML 65Page - STMicroelectronics RM0319 Datasheet HTML 66Page - STMicroelectronics RM0319 Datasheet HTML 67Page - STMicroelectronics RM0319 Datasheet HTML 68Page - STMicroelectronics RM0319 Datasheet HTML 69Page - STMicroelectronics RM0319 Datasheet HTML 70Page - STMicroelectronics RM0319 Datasheet HTML 71Page - STMicroelectronics RM0319 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
68/368
Doc ID 022640 Rev 3
The weighted round-robin arbitration scheme is a three-step arbitration system. All
commands are routed into priority groups based on the priority of the requests. Inside each
priority group, requests are processed according to the “weight” (relative priority) of each
port. Finally, each priority group sends a single command to the priority select module,
which passes the highest priority command on to the memory controller core.
This arbitration scheme also supports two additional features. First, for situations where the
priority (port and relative) for multiple commands are identical, a port ordering system
whereby the user may adjust the order in which the ports are considered is provided.
Beside, for situations where two ports may be linked, a mechanism allowing the pair of ports
to share arbitration bandwidth for a better bandwidth efficiency, is also supplied.
Weighted round-robin arbitration is a complex arbitration scheme. To understand the
operation, each concept must be first understood individually. This will be matter of the
following Sections.
Understanding round-robin operation
Round-robin operation is the simplest form of arbitration and is the best one for systems not
requiring requests to be treated preferentially to maintain bandwidth or minimize latency.
This scheme uses a counter that rotates through the port numbers, incrementing every time
a port request is granted.
If the port that the counter is checking has an active request and the core command queue
is not full, the request will be sent to the core.
If there is not an active request for that port, the port itself will be skipped and the next port
will be checked.
In any case, the counter is incremented one-by-one as any request has been processed,
regardless of which port's request was arbitrated.
Round-robin arbitration guarantees that each port's requests can be successfully arbitrated
into the core every N cycles, where N is the number of ports in the component itself.
No port will ever be locked out, and any port can have its requests processed on every cycle
as long as all other ports are idle and the command queue is not full.
An example of the round-robin scheme is shown in Table 19.
Cycles 0, 2 and 6 show the system behaviour when the command queue is full. Cycle 8
shows the system behaviour when the port addressed by the arbitration counter does not
have an active request.
All other cycles show normal behaviour.
Table 19.
Round-Robin operation example
Cycle
Port addressed
by an arbitration
counter
Port requesting
Command
queue full?
Winner of
arbitration
Value of counter
at the next cycle
P0
P1
P2
P3
0
0
YYYYYes
None
0
1
0
YYYYNo
P0
1
2
1
YYYYes
None
1
3
1
YYYYNo
P1
2
4
2
Y
YYNo
P2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com