Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 98 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 368 page
background image
Serial NOR Flash controller (SMI)
RM0319
98/368
Doc ID 022640 Rev 3
When the 2 conditions above are met, the following data sequence is sent to the bank
selected by AHB address bits [24-25]:
●
Page program instruction opcode (8’h02,Table 34),
●
3- or 2-byte address (depending on the ADD_LENGTH bit of SMI_CR1 register from
the MSB to the LSB,
●
All data bytes (from bit 7 to bit 0) are transferred, starting with the address given in the
previous step and incrementing it to the last depending on the size of the write request.
After a write request has been sent, the WM bit in SMI_SR register is cleared and the read
status register instruction (opcode 8’h05, Table 34) is automatically sent to this bank until no
write in progress (WIP =1‘b0).
Note:
1
The write capability must be used only if there is a write in progress, which means that a
busy bit of the external memory status register is located in bit 0. Otherwise, the system will
become locked.
2
When the memory programming is finished, the WCF bit in the SMI_SR register is set and
an interrupt is generated if the enabling WCIE bit in the SMI_CR1 register is set.
3
In order to send a write request to a bank other than the one under programming, the
software must wait for WIP = 1‘b1, otherwise the error ERF2 would be generated due to non
incrementing address. The bank under programming phase must not be disabled in order to
write to another one.
Write burst mode
Write burst mode (WBM bit set in SMI_CR1 register) enables to keep selected the external
SPI memory after an AHB write request (see above). In this case, the next AHB write
request should point to the next incremented address and should have the same size (byte,
half-word or word). Otherwise, an error flag is set (ERF2 flag in the SMI_SR register, and an
ERROR response is sent back to the AHB master.
Note:
A memory access error (ERF1 or ERF2) results in both release of chip select and start of
the external memory page program.
Disabling the write burst mode (that is, clearing the WBM bit in SMI_CR1 register), the next
incrementing AHB write request should be sent to external memory if it occurs before the
end of the previous serial transfer. Otherwise, an error flag is set (ERF2 flag in the SMI_SR
register) and an ERROR response is sent back to the AHB master.
Consequently, it is mandatory to enable the write burst mode in order to perform several
write requests which are not sent in the same AHB incrementing burst. If WBM is cleared
and no other write request occurs, the external memory selection is released after sending
the data and the external memory page program cycle starts.
Note:
Read requests to external memory are not allowed in write burst mode, otherwise an error
flag is set (ERF1 flag in the SMI_SR register) and an ERROR response is sent back to the
AHB master.
The external SPI memory is released by either disabling write burst mode (clearing WBM
bit) or disabling the bank, and the external memory page program cycle starts. If bank is
enabled, read status register instruction is automatically sent to this bank until WIP = 1‘b0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com