Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 102 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics RM0319 Datasheet HTML 103Page - STMicroelectronics RM0319 Datasheet HTML 104Page - STMicroelectronics RM0319 Datasheet HTML 105Page - STMicroelectronics RM0319 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 368 page
background image
Parallel NAND Flash controller (FSMC)
RM0319
102/368
Doc ID 022640 Rev 3
8.3
Functional description
Figure 23.
FSMC block diagram
8.3.1
AHB interface
The AHB interface block provides the FSMC interface to the AHB bus. It decomposes the
system bus transfers into external accesses supported by the selected external device.
The RW control register values are accessed through the AHB, and their values are passed
to the rest of the peripherals
The following conditions cause an ERROR response:
If a disabled external device is accessed.
If a Flash memory is accessed when its Reset Powerdown bit (GenMemCtrl_PC(i)
registers) has been set to 0.
If HSIZE is greater than 2, which means a transfer size larger than 32 bits. In other
cases, OKAY response is returned.
The AHB interface does not support the following AHB features:
It does not generate SPLIT or RETRY responses.
Protection control is not implemented, which means that HPROT is not connected.
8.3.2
NAND Flash controller
This block interfaces the AHB interface block to the external NAND Flash. For NAND Flash,
the following types of accesses are supported:
Common memory space access
It is the normal way of accessing the NAND Flash. The data size is specified in the
DevWidth field of configuration register (GenMemCtrl_PC register), and the corresponding
timings must be specified in the GenMemCtrl_Comm register. The data used while
accessing this region is passed to D(7:0) bits (or D(15:0) according to the Flash memory
bus width). The FSMC_ADDR_LE or FSMC_CMD_LE pins are used to drive directly ALE
and CLE, respectively. Therefore, by accessing particular regions of the common memory
space, we can send to the NAND Flash a command (CLE high) or an address (ALE high).
Configuration
Registers
AHB
Interface
NAND Flash
Driver
AHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com