Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 38 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 34Page - STMicroelectronics RM0319 Datasheet HTML 35Page - STMicroelectronics RM0319 Datasheet HTML 36Page - STMicroelectronics RM0319 Datasheet HTML 37Page - STMicroelectronics RM0319 Datasheet HTML 38Page - STMicroelectronics RM0319 Datasheet HTML 39Page - STMicroelectronics RM0319 Datasheet HTML 40Page - STMicroelectronics RM0319 Datasheet HTML 41Page - STMicroelectronics RM0319 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 368 page
background image
BootROM
RM0319
38/368
Doc ID 022640 Rev 3
5.5
Software overview
This section describes the BootROM software for the device.
5.5.1
ARM processor modes
SPEAr BootROM runs in supervisor mode during the entire execution.
5.5.2
SoC peripheral interrupts
SPEAr BootROM runs with all interrupts disabled, except in the particular case of
boot/upgrade through USB, in which case it enables the USB interrupt.
5.5.3
Memory overview
BootROM in SPEAr is located at 0xFFFF_0000. It has two sections:
●
Code section
●
Table section
Code section
Code section starts from 0xFFFF_0000 and ends at 0xFFFF_7EFF. This section contains all
the routines required to boot on SPEAr device.
Table section
Table section starts from 0xFFFF_7F00 and ends at 0xFFFF_7FFF. In the table section, a
table is maintained keeping the information usable by the second level boot, for instance
addresses of NAND routines. These routines of BootROM are used by X-Loader. This helps
reducing code length of X-Loader.
The table consists of one structure having the following two variables:
●
Table version (data type: unsigned integer)
●
Version specific structure
The following figure shows the memory used by BootROM:
Figure 7.
Usage of memory by BootROM
Unused Section
Table Section
Unused Section
Code Section
0xFFFF_7FFF
0xFFFF_7FXX
0xFFFF_7F00
0xFFFF_XXXX
0xFFFF_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com