Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 80 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 76Page - STMicroelectronics RM0319 Datasheet HTML 77Page - STMicroelectronics RM0319 Datasheet HTML 78Page - STMicroelectronics RM0319 Datasheet HTML 79Page - STMicroelectronics RM0319 Datasheet HTML 80Page - STMicroelectronics RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
80/368
Doc ID 022640 Rev 3
designated to any available buffer. However, back-to-back write requests from a particular
source ID will be allocated to the same WRITE buffer as the previous command.
Since the core must pull data out of the buffers in the order it was stored, if a WRITE
command is linked to a buffer associated with another command in the queue, the new
command will be placed in the command queue after that command, regardless of priority.
This feature is always enabled.
●
Priority
Priorities are used to distinguish important commands from less important commands. Each
command is given a priority based on the command type through the programmable
parameters ahbX_r_priority and ahbX_w_priority (X is the x-th port), where '0' value is the
highest priority and '7' is the lowest.
The placement algorithm will attempt to place higher priority commands ahead lower priority
commands, as long as they have no source ID, WRITE buffer or address collisions.
Higher priority commands will be placed lower in the command queue in case:
●
They access the same address and
●
They are from the same requestor or
●
They use the same buffer used by lower priority commands being in the command
queue already.
This feature is enabled through the priorities parameter.
●
Bank splitting
Before accesses to two different rows within the same bank could be performed, first active
row must be closed (pre-charged) and the new row must be opened (activated). Therefore,
the both activities require some timing overhead for optimization, the placement queue will
attempt to insert the new command into the command queue such that commands to other
banks may execute during this timing overhead.
Still the placement of the new commands will follow priority, source ID, WRITE buffer and
address collision rules. The placement logic will also attempt to optimize the core, by
inserting a command to the same bank of any existing command in the command queue,
immediately after the original command. This reduces the overall timing overhead by
potentially eliminating one pre-charge/activate cycle. This placement will only be possible if
there are no priority, source ID, WRITE buffer or address collisions or conflicts with other
commands in the command queue.
Every bank splitting feature could be enabled through the bank_split_en parameter.
●
Read/Write grouping
The memory suffers a small timing overhead when switching from READ to WRITE mode.
For efficiency, the placement queue will attempt to place a new read command sequentially
with other read commands in the command queue, or a new WRITE command sequentially
with other WRITE commands in the command queue. Grouping will only be possible if no
priority, source ID, WRITE buffer or address collision rules are violated.
This feature is enabled through the rw_same_en parameter.
Command execution order after placement
Once a command has been placed in the command queue, its order relative to the other
commands in the queue at that time is fixed. Even if this simplifies the algorithm there are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com