Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 62 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics RM0319 Datasheet HTML 60Page - STMicroelectronics RM0319 Datasheet HTML 61Page - STMicroelectronics RM0319 Datasheet HTML 62Page - STMicroelectronics RM0319 Datasheet HTML 63Page - STMicroelectronics RM0319 Datasheet HTML 64Page - STMicroelectronics RM0319 Datasheet HTML 65Page - STMicroelectronics RM0319 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
62/368
Doc ID 022640 Rev 3
too high, then write transactions may force the AHB port to issue masked WRITE
commands (WRITE commands that do not alter the contents of memory) to the core to
complete the transactions. Similarly, for READ transactions, programming the length too
large will cause extraneous data to be gathered, wasting cycles. An optimal value for the
READ and WRITE length is important.
Note:
The values in the ahbX_wrcnt and ahbX_rdcnt parameters should never exceed 1024.
The first command is issued when the AHB request is decoded. Subsequent read
commands are issued when the last word of data has been delivered from the core to the
AHB port.
Subsequent WRITE commands are issued after the last WRITE data word of the last
command has been transferred from the AHB bus to the core.
Narrow SINGLE or INCRx transactions
For INCRx transactions with a bytes-per-beat less than the width of the AHB data bus, the
port gathers data from the AHB master until it collects all the data needed to form a
complete data word, or until the completion of the transaction.
The data is then issued to the core as multiples of the complete data word. If the start or end
of a WRITE transaction is not aligned to the data word boundary, the appropriate bytes are
masked off when the data is sent to the core. This provides a significant optimization in the
port, preventing the core's Write Data Queue from filling with a large number of small data
chunks. Performance is also improved significantly by allowing the core to write a complete
word of data in a single burst instead of small sections of the word in several bursts. The
reverse operation is done for INCRx READ transactions. The AHB port issues a READ of
the complete word and then divides the READ data into smaller components depending on
the size specified with the READ request. The alignment of data bytes within the AHB bus
for transaction with a size less than the bus data width depends on the address of the
written or read bytes. The AHB master is responsible for aligning the WRITE data bytes in
the appropriate byte lanes of the AHB bus for these transactions. Similarly, the AHB master
should mask out any data that is not in the appropriate byte lanes for the READ transaction
as don't-care bytes.
Narrow WRAPx or INCR transactions
This optimization is NOT performed for WRAPx transactions with a bytes-per-beat less than
width or INCR transactions of unspecified lengths. Each beat of these kinds of transactions
is issued to the core as a separate transaction, thereby occupying a separate queue entry.
Therefore, these transactions are inefficient and should only be used if necessary.
Data Alignment for Narrow transactions
Examples of the alignment of READ/WRITE data for a 64 bit wide AHB bus with BYTE,
HALFWORD and WORD transactions at different addresses is shown in Table 16 and
Table 17.
Table 16.
READ/WRITE data alignment - Little Endian
Transaction type
Address
Data alignment - little endian
BYTE
0x0
0x--------------Aa
BYTE
0x1
0x------------Aa--
BYTE
0x2
0x----------Aa----
BYTE
0x3
0x--------Aa------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com