Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 92 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
92/368
Doc ID 022640 Rev 3
The reset signal for the memory controller core is the asynchronous active-low reset rst_n
signal that resets all critical flip-flops in the system to ensure the memory controller core
exits from reset in a known state.
When the memory controller core is reset all parameters are reset too, so any commands
inside the memory controller core are lost. Resetting the core does not automatically reset
the AHB ports: resetting the memory controller core without AHB port reset will generate
unknown behavior.
The AHB port reset is the active-low asynchronous signal ahbX_HRESETn. When this reset
is asserted, the associated AHB port will be reset. The port FIFOs will be cleared and the
pointers will be reset. To prevent corruption within the memory controller, AHB ports should
only be reset at initialization and while the port is idle at the interface and with no commands
within the memory controller core.
During initialization, it is recommended that both resets be asserted simultaneously. The
memory controller core reset should be removed first, followed by the port reset. The reset
should be asserted for at least 5 cycles.
6.6
Programming examples
6.6.1
Initializing the MPMC controller
After power on, once the power supply to memory devices and the device itself is stable, the
memory controller must be initialized: afterward it will automatically initialize the memory
devices.
The procedure to initialize the memory controller is as follows:
1.
Clear the rst_n signal by driving it to 1'b0. All programmable registers will be cleared.
2.
Set the rst_n signal synchronously with the memory controller clock by driving the
signal to 1'b1.
3.
Issue write register commands to configure the DRAM protocols and the settings for
the DCC. Keep the start parameter de-asserted during this initialization step.
4.
Assert the start parameter. This triggers the memory controller to execute the
initialization sequence using the parameters written into the registers.
The memory controller will automatically initialize the DRAM memory devices and lock the
internal DCC. The DLL will process and send a signal to the initialization block when it has
locked.
For more information on register configuration, please refer to the Application note
(AN3100): Configuring the SPEAr3xx multiport memory controller (MPMC) for external DDR
SDRAM, present on www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com