Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 76 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 72Page - STMicroelectronics RM0319 Datasheet HTML 73Page - STMicroelectronics RM0319 Datasheet HTML 74Page - STMicroelectronics RM0319 Datasheet HTML 75Page - STMicroelectronics RM0319 Datasheet HTML 76Page - STMicroelectronics RM0319 Datasheet HTML 77Page - STMicroelectronics RM0319 Datasheet HTML 78Page - STMicroelectronics RM0319 Datasheet HTML 79Page - STMicroelectronics RM0319 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
76/368
Doc ID 022640 Rev 3
Priority relaxing allows low priority commands to be able to move through the arbiter to the
core. This will ensure that the system can meet maximum latency requirements.
Port pairing
The memory controller arbiter embeds a feature which allows adjacent ports to be grouped
together and considered jointly for arbitration. The weighted_round_robin_weight_sharing
parameter controls this function, with one bit per pair of ports in the memory controller. Bit 0
handles ports 0 and 1, Bit 1 handles ports 2 and 3 and so on. Where memory controller
interfaces to an odd number of ports, the highest numbered port is excluded from the port
pairing system.
Since the ports are grouped together, their relative priorities are not considered separately.
Referring to Section , the general formula for port priority allocation is the ratio of that port's
relative priority (ahbX_priorityY_relative_priority) to the sum of all requesting port's relative
priority values. In this case, the relative priority value of only one of the paired ports is used
for the sum calculation. This means that the bandwidth will be divided differently among the
ports.
Let us consider the port pair at the top of the scan order: if one only port is requesting it will
win arbitration. If both are requesting, port ordering is used to determine which port wins
arbitration.
When the ports are paired, their scan order can never be altered and they will always remain
together in the scan order. Their counters increment together, so when they reach their
relative priority value, the port pair will dynamically be placed at the bottom of the scan order
for that priority group.
In order for port weight sharing to be used, the relative priority parameters for the port pair
must be programmed to the same value and the port order of the paired ports should be
sequential. If either condition is not followed, an error bit will be set to1'b1.
Let us consider System G as described inTable 28. Again, to simplify the command queue is
considered to never be full, commands from ports 0, 1, 2 and 3 are only received at priority
level 0 and commands from ports 4 and 5 are always at priority 1.
However, now ports P0 - P1, and ports P4 - P5 are paired.
6
Y
Y
P0
P0
110
010
P0-P1-P3-P2
P4-P5
7
Y
Y
Y P4
P4
110
020
P0-P1-P3-P2
P5-P4
8
Y
Y
Y
Y
P0
210
000
P0-P1-P3-P2
P5-P4
9
Y
Y
Y
Y
P1
220
000
P0-P1-P3-P2
P5-P4
10
Y
Y
Y
Y P2
P2
221
000
P0-P1-P3-P2
P5-P4
Table 27.
System F operation with priority relaxing (continued)
Cycle
Ports Requesting
Relaxed
Ports
Arbitration
Winner
Next Counter
Next Scan Order
P
0
P
1
P
2
P
3
P
4
P
5
P
0
P
1
P
2
P
3
P
4
P
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com