Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 84 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 80Page - STMicroelectronics RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
84/368
Doc ID 022640 Rev 3
Manual “On-Demand” entry
Manual Entry occurs when the 2 following conditions are matched:
●
The mode is programmed for manual entry by clearing the relevant bit in the
lowpower_auto_enable parameter to 1'b0.
●
The particular mode is set to 1'b1 in the lowpower_control parameter.
For manual entry, the lowpower_control parameter triggers the entry into the low power
modes. The MPMC does not need to be idle when the low power mode bit is enabled. When
a particular mode that is programmed for manual entry is enabled, the MPMC will complete
the current memory burst access, and then, regardless of the activity inside the MPMC or at
the memory interface, it will enter the selected low power mode.
If any new transaction would involve the MPMC while it is in any of the low power modes, the
transaction itself will be stacked inside the MPMC's command queue until the queue is
completely full.
The way to exit from a manually-entered low power mode is manual too. Clearing the
lowpower_control parameter bits to 1'b0 will trigger the memory controller to pull the
memory devices out of powerdown or self-refresh, and command processing will resume.
Note:
In the deepest low power mode (Mode 5), the clock toward the programming registers
module is gated off. However, manual low power mode exit requires the user to clear the
lowpower_control parameter to 1'b0, which is not possible when the clock is off. As a result,
the user should not manually activate the deepest low power mode. If Memory Self-Refresh
with Memory and Controller Clock Gating Mode (Mode 5) was entered manually, the device
would not be able to be brought out of low power mode again.
If a different lowpower_control bit is set to 1'b1 while in one of the low power modes, or on
clearing of the original bit to 1'b0, the memory controller will exit the current low power
mode. There will be at least a 15 cycle delay before the component being either fully
operational or enters the new low power mode.
6.4.3
Low power control programming
The low power modes of the memory controller are controlled by the lowpower_control and
lowpower_auto_enable parameters. These 5-bit parameters contain each one bit to control
each low power mode. The lowpower_control parameter enables the associated low power
mode, and the lowpower_auto_enable parameter sets the entry method into that mode as
manual or automatic. Table 30 displays the relationship between the 5 bits of the
lowpower_control and lowpower_auto_enable parameters and the various low power
modes.
Table 30.
Low power mode parameters
Low Power Mode
Enable
Entry
Memory Power-Down (Mode 1)
lowpower_control [4] =1'b1
lowpower_auto_enable [4]:
1'b0 = Manual
1'b1 = Automatic
Memory Power-Down with Memory
Clock Gating (Mode 2)
lowpower_control [3] =1'b1
lowpower_auto_enable [3]:
1'b0 = Manual
1'b1 = Automatic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com