Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 65 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 61Page - STMicroelectronics RM0319 Datasheet HTML 62Page - STMicroelectronics RM0319 Datasheet HTML 63Page - STMicroelectronics RM0319 Datasheet HTML 64Page - STMicroelectronics RM0319 Datasheet HTML 65Page - STMicroelectronics RM0319 Datasheet HTML 66Page - STMicroelectronics RM0319 Datasheet HTML 67Page - STMicroelectronics RM0319 Datasheet HTML 68Page - STMicroelectronics RM0319 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
65/368
transaction of the length specified to the core. The length is a defined quantity that is
specified at the beginning of the transaction. For WRITE transactions, the AHB port
forwards the data from the AHBx HWDATA signals provided by the AHB master to the core.
If the WRITE transaction is early burst-terminated, the port will continue the data stream, but
issue masked WRITE data for the duration of the transaction instead. This allows the whole
transaction to be completed without corrupting data in memory.
For READ transactions, the AHB port returns the expected number of bytes of data to the
AHB master. If a READ transaction is early burst-terminated, the MPMC continues to send
the READ data from the core, but the data is not forwarded back to the AHB master.
Errors
●
Error types
When an illegal operational condition is detected on a new AHB transaction entering the
port (i.e. during a NONSEQ burst), the port responds with an ERROR. The ERROR is a two-
cycle response as dictated by the AHB protocol. In the first cycle, the ahbX_HREADY signal
is low and in the second cycle, the ahbX_HREADY signal is high. The illegal conditions
which generate this error are:
1.
Transactions with a bytes-per-beat greater than the width of the AHB bus.
2.
The transaction address is not aligned to the size of the transaction. This is a
requirement of the AHB protocol.
●
Error handling
Once a port error is detected in the MPMC core, the following actions occur:
1.
The internal interrupt signal controller_int is asserted.
2.
A bit in the status parameter int_status will be set to 1'b1 to indicate the type of error.
The interrupt is cleared by writing to the interrupt acknowledge parameter int_ack. Setting
1'b1 a bit in the int_ack parameter will trigger the same bit in the int_status parameter to be
cleared to 1'b0. Please refer to Section 6.5 for more information on the interrupt parameters.
6.3.4
Arbiter
From the port interface blocks, commands are presented to the arbiter, which is responsible
for arbitrating between the port requests and sending a single command to the MPMC core.
6.3.5
Write data queue
The WRITE data queue is a WRITE data storage array for transactions. The queue consists
of multiple buffers holding WRITE data for the write requests of a particular port. Write data
is stored in these buffers for commands in the command queue until the command is
processed in the placement logic and needed by the DRAM command arbitration logic. The
buffers can accept data until space is no longer available. The buffers are defined to hold 16
entries.
The size of the WRITE data buffers and the burst length programmed into the memory
devices affect the overall performance of a single port during the WRITE operation. Each
buffer must have a depth of at least twice the number of data words for a memory burst to
ensure that the memory controller can continuously burst WRITE data for a port. The buffer
should also be so large to hold enough words to consume data for a single write transaction
related to the bus. The data may actually be written into the buffers from the bus at a later
time, depending on the priority of the request and the number of transactions in the
Command Queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com