Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 30 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 26Page - STMicroelectronics RM0319 Datasheet HTML 27Page - STMicroelectronics RM0319 Datasheet HTML 28Page - STMicroelectronics RM0319 Datasheet HTML 29Page - STMicroelectronics RM0319 Datasheet HTML 30Page - STMicroelectronics RM0319 Datasheet HTML 31Page - STMicroelectronics RM0319 Datasheet HTML 32Page - STMicroelectronics RM0319 Datasheet HTML 33Page - STMicroelectronics RM0319 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 368 page
background image
Multilayer interconnect matrix (BUSMATRIX)
RM0319
30/368
Doc ID 022640 Rev 3
4
Multilayer interconnect matrix (BUSMATRIX)
This chapter focuses on BUSMATRIX functionality and operation.
For technical details about the programmable registers related to the BUSMATRIX, refer to
the system configuration registers (MISC) in the following companion document:
RM0321: SPEAr320S address map and registers
4.1
Overview
The internal architecture is based on several shared subsystem logics interconnected
through a multilayer interconnection matrix, shown in Figure 3.
The BUSMATRIX has 7 master inputs: two DMA inputs, and one input each for the CPU,
Reconfigurable Array Subsystem (RAS) block, Ethernet controller, USB controllers and C3.
There are 10 slave outputs connected to almost all the system blocks: low speed
subsystem, application subsystem, basic subsystem, high speed subsystem, RAS and
MPMC DDR memory controller ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com