Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 78 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 74Page - STMicroelectronics RM0319 Datasheet HTML 75Page - STMicroelectronics RM0319 Datasheet HTML 76Page - STMicroelectronics RM0319 Datasheet HTML 77Page - STMicroelectronics RM0319 Datasheet HTML 78Page - STMicroelectronics RM0319 Datasheet HTML 79Page - STMicroelectronics RM0319 Datasheet HTML 80Page - STMicroelectronics RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
78/368
Doc ID 022640 Rev 3
Error conditions
Because of the programming difficulties of the weighted round-robin arbitration scheme, an
error reporting mechanism is included to notify users of illegal programming scenarios.
These error conditions generate a MPMC core interrupt and set a bit in the
wrr_param_value_err parameter to 1'b1. The potential error conditions are:
Bit 0 = The 5 ahbX_port_ordering parameters do not contain unique values.
Bit 1 = Any of the ahbX_priorityY_relative_priority parameters have been set to 10
value. A 0 value leads to unknown behavior. The minimum accepted value is 1.
Bit 2 = Any port, whose related bit of the weighted_round_robin_weight_sharing
parameter is set to 1'b1, do not have the same values in its
ahbX_priorityY_relative_priority parameter.
Bit 3 = For ports whose related bit of the weighted_round_robin_weight_sharing
parameter is set to 1'b1, the values of the ahbX_port_ordering parameters are not
sequential.
If bits 0, 2 or 3 are set to 1'b1 in the wrr_param_value_err parameter, and any of the ports
are paired in the weighted_round_robin_weight_sharing parameter, all weight sharing data
will be ignored during MPMC initialization and the ports will be prioritized by port number. If
port pairing is not being used, but the bit 0 error condition is set to 1'b1, then ports with a
non-unique port ordering are prioritized by port number.
Note:
The user is strongly cautioned against modifying the values of the port ordering or relative
priority parameters during active port usage.
Command queue with placement logic
From the arbiter, commands are routed to the command queue of the core. The command
queue is fed using a placement algorithm. For more information on this algorithm, refer to
below Chapter “Core Command Queue with Placement Logic”.
Core command queue with placement logic
The MPMC core contains a command queue that accepts commands from the arbiter. This
command queue uses a placement algorithm to determine the order in which commands
will be executed in the core. The placement logic follows many rules to determine where
new commands should be inserted into the queue, relative to the contents of the command
queue at the time.
Placement is determined by considering address collisions, source collisions, data
collisions, command types and priorities. In addition, the placement logic attempts to
9
Y
Y
P5
1
11
01
1
P2-P0-P1-P3
P5-P4
10
Y
Y
Y
Y
P2
11
20
11
P0-P1-P3-P2
P5-P4
11
Y
Y
Y
P1
2
20
01
1
P0-P1-P3-P2
P5-P4
Table 29.
System G operation (continued)
Cycle
Ports Requesting
Arbitration
Winner
Next Counter
Next Scan Order
P0 P1 P2 P3 P4 P5
P0 P1 P2 P3 P4 P5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com