Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 87 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
87/368
Partial array self-refresh
For mobile applications, the memory controller is able to support refresh operations to
subsections of the memory array. To simplify this duty, separate parameters are provided to
supply the EMRS data for each chip select. These are the emrs_data_X parameters, where
X represents the chip select.
Having separate control parameters for the EMRS data allows the individual chips to set
their own masked refresh. The write_modereg parameter controls the writing of this EMRS
data into the registers. When write_modereg is set to 1'b1 initially, the EMRS register of chip
select 0 will be written. Each subsequent setting of the write_modereg parameter to 1'b1 will
write the EMRS register of the next chip select (1, 2, then 3).
Note:
The memory controller does not check if operations attempt to access addresses outside
the refresh ranges set by the EMRS registers, so any access to these addresses may result
in corrupt or lost data.
6.4.6
Out-of-range address checking
It is possible that the master attempts to write to an invalid address. For this reason, all
incoming addresses are always checked against the addressable physical memory space. If
a transaction is addressed to an out-of-range memory location, bit 0 of the int_status
parameter will be set to 1'b1 to alert the user of this condition. The memory controller will
record the address, source ID, length and type of transaction that caused the out-of-range
interrupt in the out_of_range_addr, out_of_range_source_id, out_of_range_length and
out_of_range_type parameters.
Reading the out-of-range parameters will trigger the memory controller to empty these
parameters and allow them to store out-of-range access information for future errors. The
interrupt should be acknowledged by setting bit 0 of the int_ack parameter to 1'b1, which will
in turn cause bit 0 of the int_status parameter to be cleared to 1'b0.
If a second out-of-range access occurs before the first out-of-range interrupt is
acknowledged, bit 1 of the int_status parameter will be set to 1'b1 to indicate that multiple
out-of-range accesses have occurred. If the out-of-range parameters have been read when
the second out-of-range error occurs, the details for this transaction will be stored in the out-
of-range parameters. If they have not been read, the details of the second error will be lost.
Even though the address has been identified as erroneous, the memory controller will still
process the READ or WRITE transaction. A READ transaction will return random data
which the user must receive to avoid stalling the memory controller. A WRITE transaction
will write the associated data to an unknown location in the memory array, potentially over-
writing other stored data. The command can not be aborted once accepted into the memory
controller.
6.4.7
Mobile devices DQS
For Mobile applications the user must add pull-down resistors on the DRAM boundary to the
DQS and DQS_n pins. These resistors enable the system to open the gate early without
receiving bad data. Both the resistors are very important and the system can not function
accurately without them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com