Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 67 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 63Page - STMicroelectronics RM0319 Datasheet HTML 64Page - STMicroelectronics RM0319 Datasheet HTML 65Page - STMicroelectronics RM0319 Datasheet HTML 66Page - STMicroelectronics RM0319 Datasheet HTML 67Page - STMicroelectronics RM0319 Datasheet HTML 68Page - STMicroelectronics RM0319 Datasheet HTML 69Page - STMicroelectronics RM0319 Datasheet HTML 70Page - STMicroelectronics RM0319 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
67/368
There are a fixed number of latency cycles in the memory controller, based on the pipeline
through the memory controller logic. These steps are:
Command passing through the port interface. (fixed)
Arbitration through the arbiter. (fixed)
Placement into the Command Queue. (fixed)
Memory Command Generation. (variable)
Sending of control signals from the core logic to flip-flops near the I/O drivers. (fixed)
Flight time to the DRAM device. (variable)
Flight time from the DRAM device. (variable)
For READs, synchronization of READ data from the data strobe domain. (fixed)
For READs, data pass through the port interface. (fixed)
For asynchronous AHB interfaces, additional 4-5 cycles are included for the round-trip
transaction to synchronize to the Database core clock. Some typical scenarios for a
multiport AHB interface and their effects on latency are:
Read latency with a page hit and empty queue.
(9) + Cas Latency
Read latency with a page miss to a closed page and an empty queue.
Trcd + Cas latency + (9)
Read latency with a page miss to an open page and an empty queue.
Trp+Trcd+Cas latency+9
Read latency with a page hit and a currently executing transaction.
TBurst end+Cas Latency+9
Read latency with a page miss to a closed bank and a currently executing transaction.
The page open command will be executed while the current burst is completing if
possible.
MAX(Trcd, TBurst end)+ Cas Latency + 9
Read latency with a page miss to an open page and an empty queue. The page close
command will be executed while the current burst is completing if possible.
MAX(Trp+Trcd,TBurst end)+Cas latency+9
TBurst end equals the time to complete the current burst in progress. The maximum value
here is 3 for a READ command and 3 + twr for a WRITE command if the burst count is
configured to 8 for DDR DRAM devices. The minimum value is 0.
6.3.8
Multiport arbiter
The arbiter manages arbitrating requests from the ports and sending requests to the core.
Each transaction received by the arbiter logic has an associated priority, which works with
each port's arbitration logic to determine how ports issue requests to the core. The MPMC
supports the weighted round-robin arbitration scheme.
The arbiter logic routes READ data from the core to the appropriate port. The requesting
port is assumed to be able to receive the data. WRITE data from each port is connected
directly to its own WRITE data interface inside the core, allowing the ports to independently
pass them to the core buffers.
Arbitration overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com