Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 66 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 62Page - STMicroelectronics RM0319 Datasheet HTML 63Page - STMicroelectronics RM0319 Datasheet HTML 64Page - STMicroelectronics RM0319 Datasheet HTML 65Page - STMicroelectronics RM0319 Datasheet HTML 66Page - STMicroelectronics RM0319 Datasheet HTML 67Page - STMicroelectronics RM0319 Datasheet HTML 68Page - STMicroelectronics RM0319 Datasheet HTML 69Page - STMicroelectronics RM0319 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
66/368
Doc ID 022640 Rev 3
6.3.6
DRAM command processing
The DRAM command processing logic is used to process the commands in the Command
Queue.
The logic organizes the commands to the memory devices in such a way that data
throughput is maximized. Bank opening and closing cycles are used for data transfers.
The logic uses a variety of factors to determine when to issue bank open and close
commands. The logic reviews the entire Command Queue to look-ahead which banks are to
be accessed in the future. The timing is then set to meet the trc and tras_min timing
parameters of the memory devices, values which were programmed into the MPMC on
initialization. This flexibility allows the MPMC to be tuned to extract the maximum
performance out of memory devices. The parameters that relate to DRAM device protocol
are listed in Chapter “Register Interface”.
6.3.7
Latency
By using the placement logic of the command queue in the core, a new request by any port
can be immediately placed at the top of the command queue or can interrupt an ongoing
request. This scheme allows a high priority request to be processed in the shortest possible
time.
However, since there are many factors that determine the placement into the command
queue, there are also many factors that affect the actual latency of the command. These
factors include:
The coherency status of the transactions already in the command queue: If there is a data
coherency conflict with a transaction already in the command queue, the new transaction
will be placed after the transaction that produced the conflict. The position of the conflicting
transaction determines the latency of the high priority READ or WRITE command.
●
The priority status of the transactions already in the command queue: If the new
command has a higher priority than those already in the command queue, the new
request will be serviced ahead of the lower priority command. As a result, the latency of
the new command will be lower than the latency of the older command.
●
The READ, WRITE, and bank information of the transactions already in the command
queue: In general, READs will be placed ahead of WRITEs when both are of the same
priority level. READ commands are grouped with other READ commands of similar
priorities and WRITE commands are grouped with other WRITE commands of similar
priorities. Among these groupings, transactions with similar bank and different row
destinations are separated as much as possible.
If every placement conditions are met, a new command would be placed at the top of the
command queue. However, if the new command is of a higher priority than the transaction
executing, the current command will be interrupted and the new command will be processed
first. The interruption will occur at a natural burst boundary of the DRAMs. The interrupted
transaction will be placed at the top of the placement queue and it will be recovered after the
new request is completed. The page status of the new transaction determines when the
current transaction is interrupted.
If the page for the new transaction is already open, the current transaction will be interrupted
at the next natural burst boundary of the DRAM device. If the page is not currently open
instead, the new request will be placed at the top of the command queue while its page is
prepared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com