Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 86 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
86/368
Doc ID 022640 Rev 3
automatic entry option is chosen. The counters are also shown in Table 30. Since the two
power-down modes share one counter, wishing the user automatically enter Memory Power-
Down mode (Mode 1), the Memory Power-Down with Memory Clock Gating mode (Mode 2)
must not be enabled.
Controller clock gating and re-locking
When the memory controller is in its deepest low power modes, the clock to the memory
controller is gated off, except for a small portion of the DLL to maintain the current
frequency. Since the voltage and temperature differences of the chip can change and the
DLL would not adjust to these changes, it is possible that the memory controller DLL shifts
out of range of the controller clock.
The DLL can respond to slight variations of the frequency very quickly, but it requires a long
time to manage large shifts. Therefore, it is better the memory controller to be periodically
awoken from controller clock gating, so it can resynchronize to the controller clock and then
resume controller clock gating.
The interval among synchronizations is user-defined by the lowpoxer_rfsh_hold parameter.
This value directly feeds a counter and sets the number of cycles that the memory controller
will wait before attempting to re-lock the DLL.
Note:
This is only relevant when the controller clock is gated (Mode 5).
When this counter expires, the DLL will be un-gated and the DLL will attempt to re-lock. The
clock will be kept un-gated for at least 16 cycles, even if the DLL locks during that time. Once
the DLL has re-locked and the 16 cycles have elapsed, the DLL controller clock will be gated
again and the counter will restart countdown at the value in the lowpoxer_rfsh_hold
parameter.
Refresh masking
Regular refresh commands will be issued at the same intervals as the memory controller is
operating normally, is idle, or is in any of the low power modes. However, for memory arrays
with multiple chip selects, the memory controller can mask refreshes during any of the low
power modes. By setting bits of the lowpower_refresh_enable parameter to 1'b1, auto-
refreshes will be masked for the associated chip selects.
The user should ensure that refreshes are not constantly masked, and that each chip select
is refreshed periodically.
6.4.4
Low power and clock forwarding
The memory controller implements a clock forwarding scheme, which eliminates the need
for a de-skew PLL and reduces the overall power consumption of the device. Controllers that
are configured for low power should also be configured for clock forwarding.
6.4.5
Mobile DDR/SDRAM devices
Enabling mobile usage
When the device is used inside a mobile device, the parameter en_lowpower_mode must be
set to 1'b1. This enables the memory controller to use the initialization sequence and EMRS
addressing suitable for mobile equipments. When the en_lowpower_mode parameter is
cleared to 1'b0, a standard DDR SDRAM or SDRAM device may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com