Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 36 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 32Page - STMicroelectronics RM0319 Datasheet HTML 33Page - STMicroelectronics RM0319 Datasheet HTML 34Page - STMicroelectronics RM0319 Datasheet HTML 35Page - STMicroelectronics RM0319 Datasheet HTML 36Page - STMicroelectronics RM0319 Datasheet HTML 37Page - STMicroelectronics RM0319 Datasheet HTML 38Page - STMicroelectronics RM0319 Datasheet HTML 39Page - STMicroelectronics RM0319 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 368 page
background image
BootROM
RM0319
36/368
Doc ID 022640 Rev 3
Figure 5.
Boot stages
5.3
Booting pins
Refer to the datasheet for the table of Boot pin values used to select each boot mode. The
values of the pins are latched at startup and are readable from the Boot_Strap_Reg
described in the RAS configuration (RASCFG) chapter in RM0321: SPEAr320S address
map and registers.
This is the primary OS
This is the third level boot code. It copies the primary OS
into the SDRAM and jumps to it.
BootROM
X-Loader
Bootloader
OS
After exiting the reset state, the ARM runs the
BootROM code.
1. In the case of Flash booting it copies a second
level boot code from Flash to the internal SRAM
(shadow memory) and jumps to it. This mechanism
is called ‘Code Shadowing’
2. In case of non-Flash booting, it receives the
second level boot code, executes it and then
receives third level boot code and jumps to it.
3. Upgrade the Flash through USB.
This is the second level boot code. It should be very
small to fit into the internal SRAM (8 KB) and know
the timing details of the external SDRAM. It enables
SDRAM and:
1. In the case of Flash booting, it copies the third
level boot code and jumps to it.
2. In case of non-Flash booting, it jumps back to
BootROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com