Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 82 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 78Page - STMicroelectronics RM0319 Datasheet HTML 79Page - STMicroelectronics RM0319 Datasheet HTML 80Page - STMicroelectronics RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
82/368
Doc ID 022640 Rev 3
6.4
Operation
In many applications, it is highly desirable to minimize power consumption. The MPMC
provides various user configurable low power options to manage power savings. In addition,
a partial-array self-refresh option is included for mobile memory devices.
6.4.1
Low power modes
Five low power modes are available in the memory controller. The low power modes are
listed from least to most power saving.
Note:
It is not possible to exit one low power mode and enter another low power mode
simultaneously. The user should plan for a minimum delay between exit and entry between
the two low power modes of 15 cycles in which the MPMC must remain stable.
1.
Memory Power-Down
The memory controller sets the memory devices into power-down which reduces the
overall power consumption of the system. This is the low power modes having the least
effect: The memory controller and memory clocks are fully operational, but the CKE
input bit toward the memory devices is de-asserted.
The memory controller will continue to monitor memory refresh needs and will
automatically bring the memory out of power-down to perform these refreshes.
Whenever a refresh is required, the CKE bit will be turned enabled. This action drives
memory devices out power-down. Once the refresh has been completed, the memory
devices will be returned to power-down by de-asserting the CKE input bit.
2.
Memory Power-Down with Memory Clock Gating
The memory controller sets the memory devices into power-down and gates off the
clock to the memory devices. Refresh operations will be handled as seen above for the
Memory Power-Down mode (Mode 1), but the gating on the memory clock will be now
removed before asserting the CKE pin. After the refresh has been completed, the
memory devices will be returned to power-down with the clock gated. Before the
memory devices are removed from power-down, the clock will be gated on again.
Although this mode is supported in both mobile and non-mobile memory devices, clock
gating while in power-down is only allowed for mobile memory devices. Therefore, the
MPMC will only attempt to gate the clock if it is configured for mobile device operation.
For non-mobile memory devices in this low power mode, the MPMC will operate
identically to the Memory Power-Down mode without the clock gating (Mode 1).
3.
Memory Self-Refresh
The MPMC sets the memory devices into self-refresh. In this mode, the MPMC and
memory clocks are fully operational and the CKE input bit to the memory devices is de-
asserted. Since the memory automatically refreshes its contents, the MPMC does not
need to send explicit refreshes to the memory.
4.
Memory Self-Refresh with Memory Clock Gating
The MPMC sets the memory devices into self-refresh and gates off the clock to the
memory devices. Before the memory devices are removed from self-refresh, the clock
will be gated on again.
5.
Memory Self-Refresh with Memory and Controller Clock Gating
This is the most effective low power mode of the memory controller: The memory
controller sets the memory devices self-refreshing and gates off the clock toward them.
In addition, the clock toward the MPMC and the programming parameters will be gated
off, except to a small portion of the DLL, which must remain active to maintain the lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com