Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 90 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
90/368
Doc ID 022640 Rev 3
The settings for the addr_pins and column_size parameters control how the address map is
used to decode the user address to the DRAM chip selects and row and column addresses.
The eight_bank_mode parameters control the address in DDR2 mode. It is assumed that
the values in these parameters never exceed the maximum values configured.
Using the example shown in Figure 19, if the memory controller is wired to devices with 12
row pins and 12 column bits, the maximum accessible memory space would be reduced.
The accessible memory space for this configuration is 512 MB.
The address map for this configuration is shown in Figure 20.
Note:
Address bits 29 through 33 are not used. These bits are ignored when generating the
address to the DRAM devices
Figure 20.
Alternate memory map
Note:
The Chip Select, Row, Bank, and Column fields are used to address an entire memory
word, and the Datapath bits are used to address individual bytes within that user word. For
example, for a read starting at byte address 0x2, the Datapath bits must be defined as
3'b010 in order to address this byte directly. READs and WRITEs are memory word-aligned
if all the Datapath bits are 0.
6.4.11
DCC tuning timing
The command and address for the transaction are sent from the memory controller
coincident with the falling edge of the memory controller clock. Since the clock, command,
and address signals will all have roughly the same pad and flight delays to travel to the
memory, the rising edge of the clock at the memory will be centered with the command and
address signals, allowing reliable capture. To ensure proper memory read write sequences
the DDR memory controller contains a delay compensation circuit that, in conjunction with
I/O cell circuitry, can be used to meet the memory target timing requirements. The delay
compensation circuit offers the following features:
1.
Programmable read clock delay specified as a percentage of a clock cycle:
The Read transfer path, should also take into account the memory flight paths. There is a
certain time lag from when the clock is sent from the memory controller to when the data
and DQS signals are received at the memory controller from the memory. Since the DQS
from the memory will be sent coincident with the data, and the data must be captured
reliably, the DQS signal is delayed through the register field dll_dqs_delay_X so that it is
centered in the data valid window (nominally approximately 1/4 cycle).
2.
Programmable write clock and write DQS delays specified as percentages of a
clock cycle:
The Write transfer path is controlled from the dqs_out_shift and wr_dqs_shift register
parameters which set the delay for the DQS signal for dll_wr_dqs_slice and for the clk_wr
signal, respectively. These parameters should be programmed such that clk_dqs_out is in
phase with clk and that clk_wr is 1/4 cycle ahead of clk_dqs_out.
3.
Delay compensation circuit re-sync circuitry activated during refresh cycles to
compensate for temperature and voltage drift:
Chip Select
Row
Bank
Column
Data Path
33
29 28
28 27
16 15
12
1
0
Don’t care
13
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com