Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 85 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
85/368
When a lowpower_control parameter bit is set to 1'b1 by the user, the memory controller
checks the lowpower_auto_enable parameter.
●
If the associated bit in the lowpower_auto_enable parameter is set to 1'b1, the memory
controller will watch the associated counter for expiration and then enter that low power
mode.
●
Table 31 shows the correlation between the low power modes and the counters that
control each mode's automatic entry.
●
If the associated bit in the lowpower_auto_enable parameter is cleared to 1'b0, the
memory controller will complete its current memory burst access and then enter the
specified low power mode.
Note:
The values in lowpower_auto_enable parameter are only relevant when the associated
lowpower_control bit is set to 1'b1.
Multiple bits of the lowpower_control and lowpower_auto_enable parameters can be set to
1'b1 at the same time. When this happens, the memory controller always enters the deepest
low power mode of all the modes that are enabled.
If the memory controller is already in one low power mode when a deeper low power mode
is automatically or manually requested, first it exits the current low power mode and then
enters the deeper low power mode. A minimum 15 cycle delay occurs before the second
entry occurs.
The timing for automatic entry into any of the low power modes is based on the number of
idle cycles that have elapsed in the memory controller. There are 4 counters related to the 5
low power modes to determine when any particular low power mode will be entered if the
Memory Self-Refresh (Mode 3)
lowpower_control [2] =1'b1
lowpower_auto_enable [2]:
1'b0 = Manual
1'b1 = Automatic
Memory Self-Refresh with Memory Clock
Gating (Mode 4)
lowpower_control [1] =1'b1
lowpower_auto_enable [1]:
1'b0 = Manual
1'b1 = Automatic
Memory Self-Refresh with Memory and
Controller Clock Gating (Mode 5)
lowpower_control [0] =1'b1
lowpower_auto_enable [0]:
1'b0 = Manual
1'b1 = Automatic
Table 31.
Low power mode controls
Low Power Mode
Counter
Memory Power-Down (Mode 1)
lowpower_power_down_cnt
Memory Power-Down with Memory Clock Gating (Mode 2)
lowpower_power_down_cnt
Memory Self-Refresh (Mode 3)
lowpower_self_refresh_cnt
Memory Self-Refresh with Memory Clock Gating (Mode 4)
lowpower_external_cnt
Memory Self-Refresh with Memory and Controller Clock Gating
(Mode 5)
lowpower_internal_cnt
Table 30.
Low power mode parameters (continued)
Low Power Mode
Enable
Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com