Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 101 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics RM0319 Datasheet HTML 103Page - STMicroelectronics RM0319 Datasheet HTML 104Page - STMicroelectronics RM0319 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 368 page
background image
RM0319
Parallel NAND Flash controller (FSMC)
Doc ID 022640 Rev 3
101/368
8
Parallel NAND Flash controller (FSMC)
This chapter focuses on FSMC functionality and operation.
For technical details about the programmable registers related to the FSMC, refer to the
FSMC registers in the following companion document:
RM0321: SPEAr320S address map and registers
8.1
Overview
SPEAr320S provides a Flexible Static Memory Controller (FSMC) which is intended to
interface an AHB bus to external parallel NAND Flash memories (8/16 bit).
Note:
The 16-bit NAND interface is available when the in SPEAr320S is configured in automation
expansion mode (see Section 32: Reconfigurable array subsystem (RASCFG) and the pin
description section of the SPEAr320S datasheet).
The controller translates the AHB protocol into external parallel NAND Flash protocol. It
meets the timings of the external devices, slowing down and counting an appropriate
number of HCLK (AHB clock) cycles to complete the transaction to the external device.
Note:
The external storage device cannot be faster than one AHB cycle.
8.2
Main features
AHB slave interface
Interfaces AHB with parallel NAND Flash devices
Performs only one access at a time;
Provides programmable timings to support a wide range of devices:
programmable wait states (up to 31),
programmable bus turn around cycles (up to 15),
programmable output enable and write enable delays (up to 15).
Can be interfaced with four external devices (four chip select pins available);
Offers an external asynchronous wait control;
Offers configurable size at reset for boot memory bank using SPEAr320S configuration
registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com