Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 165 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 161Page - STMicroelectronics RM0319 Datasheet HTML 162Page - STMicroelectronics RM0319 Datasheet HTML 163Page - STMicroelectronics RM0319 Datasheet HTML 164Page - STMicroelectronics RM0319 Datasheet HTML 165Page - STMicroelectronics RM0319 Datasheet HTML 166Page - STMicroelectronics RM0319 Datasheet HTML 167Page - STMicroelectronics RM0319 Datasheet HTML 168Page - STMicroelectronics RM0319 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 368 page
background image
RM0319
Fast Ethernet ports (RMII0/RMII1/MII1)
Doc ID 022640 Rev 3
165/368
the network control, the transmit buffer queue pointer register resets to point to the
beginning of the transmit queue.
Note:
Disabling receive does not have the same effect on the receive queue pointer.
Once the transmit queue is initialized transmit is activated by writing to bit 9, the Transmit
Start bit of the network control register. Transmit is halted when a buffer descriptor with its
used bit set is read or if a transmit error occurs or by writing to the transmit halt bit of the
network control register. Transmission is suspended if a pause frame is received while the
pause enable bit is set in the network configuration register. Rewriting the start bit while
transmission is active is allowed.
Transmission control is implemented with a tx_go variable which is readable in the transmit
status register at bit location 3. The tx_go variable is reset when:
●
Transmit is disabled
●
A buffer descriptor with its ownership bit set is read
●
A new value is written to the transmit buffer queue pointer register
●
Bit 10, tx_halt, of the network control register is written
●
There is a transmit error such as too many retries or a transmit underrun.
To set tx_go write to bit 9, tx_start, of the network control register. Transmit halt does not
take effect until any ongoing transmit finishes. If a collision occurs during transmission of a
multibuffer frame, transmission will automatically restart from the first buffer of the frame.
If a used bit is read mid way through transmission of a multibuffer frame this is treated as a
transmit error. Transmission stops, tx_er is asserted and the FCS will be bad.
If transmission stops due to a transmit error (that is. used bit read mid frame, transmit under-
run or too many retries), the transmit queue pointer resets to point to the beginning of the
transmit queue. Software needs to re-initialize the transmit queue after a transmit error.
If transmission stops due to a used bit being read at the start of the frame, the transmission
queue pointer is not reset and transmit starts from the same transmit buffer descriptor when
the transmit start bit is written.
Table 55.
Transmit buffer descriptor entry
Bit
Function
Word 0
[31:00]
Byte address of buffer
Word 1
[31]
Used - needs to be zero for the MACB to read data from the transmit buffer.
The MACB sets this to one for the first buffer of a frame once it has been successfully
transmitted. Software has to clear this bit before the buffer can be used again. (Note
this bit is only set for the first buffer in a frame - unlike receive where all buffers have
the Used bit set once used.)
[30]
Wrap - marks last descriptor in transmit buffer descriptor list.
[29]
Retry limit exceeded - transmit error detected
[28]
Transmit underrun - occurs either when hresp is not OK or the transmit data could not
be fetched in time or when buffers are exhausted in mid frame.
[27]
Buffers exhausted in mid frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com