Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 181 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 177Page - STMicroelectronics RM0319 Datasheet HTML 178Page - STMicroelectronics RM0319 Datasheet HTML 179Page - STMicroelectronics RM0319 Datasheet HTML 180Page - STMicroelectronics RM0319 Datasheet HTML 181Page - STMicroelectronics RM0319 Datasheet HTML 182Page - STMicroelectronics RM0319 Datasheet HTML 183Page - STMicroelectronics RM0319 Datasheet HTML 184Page - STMicroelectronics RM0319 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 368 page
background image
RM0319
MMC-SD card/SDIO controller
Doc ID 022640 Rev 3
181/368
Figure 57.
MMC-SD/SDIO controller block diagram
The host controller can be used to control an external memory card via command protocol.
Data transfer can be performed either directly by the CPU (without using DMA) or using the
dedicated DMA unit of the memory card controller. Interrupts are generated to the ARM
Processor based on the values set in the interrupt status register and interrupt enable
registers. The clock generation block will generate the SD clock depending on the value
programmed by software in the clock control register. The CRC7 and CRC16 generators
calculate the CRC for command and data respectively to send the CRC to the SD card. The
CRC7 and CRC16 checker checks for any CRC error in the response and data sent by the
SD/SDIO card.
The host controller alternatively uses two dual-port 4KB FIFOs for read (data transferred
from card to processor) and write (data transferred from processor to card) transactions.
The SD_DATA[7:0] control logic block transmits data in the data lines during write
transaction and receives data in the data lines during read transaction.
The Command control logic block sends the command in the CMD line and receives the
response coming from the SD2.0/SDIO2.0/MMC4.2 card.
Power
Management
AHB
Interface
SD
Registers
Data
FIFO
Bus Monitor
Clock
Control
SD Protocol
Unit
Command
Control
Unit
Data
Control
Unit
SDIO2.0/
SDIO2.0 Mem
MMC 3.31/4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com