Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 196 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 192Page - STMicroelectronics RM0319 Datasheet HTML 193Page - STMicroelectronics RM0319 Datasheet HTML 194Page - STMicroelectronics RM0319 Datasheet HTML 195Page - STMicroelectronics RM0319 Datasheet HTML 196Page - STMicroelectronics RM0319 Datasheet HTML 197Page - STMicroelectronics RM0319 Datasheet HTML 198Page - STMicroelectronics RM0319 Datasheet HTML 199Page - STMicroelectronics RM0319 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 368 page
background image
Controller area network ports (CAN)
RM0319
196/368
Doc ID 022640 Rev 3
will be set after a successful transmission. If the CAN has lost the arbitration or if an error
occurred during the transmission, the message will be retransmitted as soon as the CAN
bus is free again. If meanwhile the transmission of a message with higher priority has been
requested, the messages will be transmitted in the order of their priority.
Acceptance filtering of received messages
When the arbitration and control field (Identifier + IDE + RTR + DLC) of an incoming
message is completely shifted into the Rx/Tx Shift register of the CAN Core, the message
handler FSM starts the scanning of the message RAM for a matching valid message object.
To scan the message RAM for a matching message object, the acceptance filtering unit is
loaded with the arbitration bits from the CAN core shift register. Then, the arbitration and
mask fields (including MsgVal, UMask, NewDat, and EoB) of message object 1 are loaded
into the acceptance filtering unit and compared with the arbitration field from the shift
register. This is repeated with each following message object until a matching message
object is found or until the end of the message RAM is reached.
If a match occurs, the scanning is stopped and the message handler FSM proceeds
depending on the type of frame (data frame or remote frame) received.
Reception of data frame
The message handler FSM stores the message from the CAN core Shift register into the
respective message object in the message RAM. Not only the data bytes, but all arbitration
bits and the data length code are stored into the corresponding message object. This is
implemented to keep the data bytes connected with the identifier even if arbitration mask
registers are used.
The NewDat bit is set to indicate that new data (not yet seen by the CPU) has been
received. The CPU should reset NewDat when it reads the message object. If at the time of
the reception the NewDat bit was already set, MsgLst is set to indicate that the previous
data (supposedly not seen by the CPU) is lost. If the RxIE bit is set, the IntPnd bit is set,
causing the Interrupt register to point to this message object.
The TxRqst bit of this message object is reset to prevent the transmission of a remote
frame, while the requested data frame has just been received.
Reception of remote frame
When a remote frame is received, three different configurations of the matching message
object have to be considered:
1.
Dir = ‘1’ (direction = transmit), RmtEn = ‘1’, UMask = ‘1’ or ’0’
At the reception of a matching remote frame, the TxRqst bit of this message object is
set. The rest of the message object remains unchanged.
2.
Dir = ‘1’ (direction = transmit), RmtEn = ‘0’, UMask = ’0’
At the reception of a matching remote frame, the TxRqst bit of this message object
remains unchanged. The remote frame is ignored.
3.
Dir = ‘1’ (direction = transmit), RmtEn = ‘0’, UMask = ’1’
At the reception of a matching remote frame, the TxRqst bit of this message object is
reset. The arbitration and control field (Identifier + IDE + RTR + DLC) from the shift
register is stored into the message object in the message RAM and the NewDat bit of
this message object is set. The data field of the message object remains unchanged;
the remote frame is treated similar to a received data frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com