Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0319 Datasheet(PDF) 247 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 247 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 243Page - STMicroelectronics RM0319 Datasheet HTML 244Page - STMicroelectronics RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 368 page
background image
RM0319
Fast infrared port (IRDA)
Doc ID 022640 Rev 3
247/368
19.3
Functional description
Figure 87 shows the dataflow block diagram of the FIrDA controller.
Figure 87.
Dataflow block diagram of the FIrDA controller
19.3.1
Synchronization unit
The synchronization unit block allows to synchronize the RX signal of the off-chip IrDA
transceiver. The RX signal is sampled by the rising edge of the irda_clk clock signal for
synchronization.
If the synchronization unit detects an activity of the RX signal in the listening state, the FIrDA
controller switches to the reception state and sets the RXS bit of the IrDA_STAT register,
then a signal detected interrupt (SD_INT, Section 19.4) is generated.
Synchronization Unit
Modulation Unit
Demodulation Unit
Wrapper Unit
Synchronization
Bus interface
FIFO Unit
Status & Control
Registers
Data Registers
Interrupt & DMA
Registers
Irda_clk
bus_clk
Internal Bus
RX Frame
TX Frame
Baud
Generation
Unit
En_symb
En_pulse
RX Signal
TX Signal
Fast IRDA Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com