| Electronic Components Datasheet Search |
|
RM0319 Datasheet(PDF) 275 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 275 Page - STMicroelectronics |
|
275 / 368 page ![]() RM0319 LCD display controller (CLCD) Doc ID 022640 Rev 3 275/368 HBUSREQM is re-asserted when there are at least four locations available within either FIFO (dual panel mode). ● Checks for 1KB boundaries during fixed-length bursts and appropriately adjusts the address in such occurrences. ● Generates the address sequences for fixed-length and undefined bursts. ● Controls the handshaking between the memory and DMA FIFOs. It inserts busy cycles if the FIFOs have not completed their synchronization and updating sequence. ● Fills up the DMA FIFOs, in dual panel mode, in an alternating fashion from a single HBUSREQM request and subsequent HGRANTM. ● Asserts the CLCDMBEINTR interrupt if an error occurs during an active burst. ● Responds to retry commands by restarting the failed access. 24.4.3 Dual DMA FIFOs and associated control logic The pixel data accessed from memory is buffered by two DMA FIFOs that can be independently controlled to cover single and dual-panel LCD types. Each FIFO is 16 words deep by 32 bits wide and can be cascaded to form an effective 32-word deep FIFO in single- panel mode. The input ports of the FIFOs are connected to the AMBA AHB interface and the output port feeds the pixel serializer. Synchronization logic is used to transfer the pixel data from the AMBA AHB HCLK domain to the CLCDCLK clock domain, the DMA FIFOs being clocked by the former. The water level marks within each FIFO are set so that each FIFO requests data when at least four locations become available. An interrupt signal is asserted if an attempt is made to read either of the two DMA FIFOs when they are empty, in other words an underflow condition has occurred. 24.4.4 Pixel serializer This block reads the 32-bit wide LCD data from output port of the DMA FIFO and extracts 24, 16, 8, 4, 2, or 1 bpp data, depending on the current mode of operation. The CLCD supports big-endian, little-endian, and WinCE data formats. In dual panel mode, data is alternately read from the upper and lower DMA FIFOs. Depending upon the mode of operation, you can use the extracted data to point to a color/gray scale value in the palette RAM or it can be a true color value that you can apply directly to an LCD panel input. The following tables show the structure of the data in each DMA FIFO word corresponding to the endianness and bpp combinations. For each of the three supported data formats, the required data for each panel display pixel must be extracted from the data word. The nomenclature used in the following tables is: ● Little endian byte, little endian pixel (LBLP) order (Table 78 and Table 79) ● Big endian byte, big endian pixel (BBBP) order (Table 80 and Table 81) ● Little endian byte, big endian pixel (LBBP) order (this is the WinCE format, for powering up and down sequences) (Table 82 and Table 83) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |