Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 167 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 167 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 164Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 168Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 169Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
The CAN modules are fast APB bus peripherals which allow single-cycle read/write access. The CPU
controls the CAN modules by programming the registers in the CAN register blocks. This includes
initialization of the CAN baud rate, logic level of the CAN pins, and enable/disable of the CAN modules. A
set of diagnostic features, such as loopback, listen only, and error identification, support development with
the CAN modules and provide a sophisticated error management tool.
The CAN modules implement the following features:
•
CAN specification 2.0B
–
Standard data and remote frames
–
Extended data and remote frames
–
0 to 8 bytes data length
–
Programmable bit rate up to 1 Mbit/s
•
15 message buffers, each configurable as receive or transmit buffers
–
Message buffers are 16-bit wide RAM mapped to the lower words of a 32-bit wide memory space
–
One buffer may be used as a BASIC-CAN path
•
Remote Frame support
–
Automatic transmission after reception of a Remote Transmission Request (RTR)
–
Auto receive after transmission of a RTR
•
Acceptance filtering
–
Two filtering capabilities: global acceptance mask and individual buffer identifiers
–
One of the buffers uses an independent acceptance filtering procedure
•
Programmable transmit priority
•
Interrupt capability
–
One interrupt vector for all message buffers in each module (receive/transmit/error)
–
Each interrupt source can be enabled/disabled
•
16-bit counter with time stamp capability on successful reception or transmission of a message
•
Power Save capabilities with programmable Wake-Up over the CAN bus (alternate source for the
Multi-Input Wake-Up module)
•
Push-pull capability of the input/output pins
•
Diagnostic functions
–
Error identification
–
Loopback and listen-only features for test and initialization purposes
22.1 Functional Description
As shown in Figure 22-1, the CAN modules consists of three blocks: the CAN core, interface
management, and a RAM containing the message buffers.
There are two dedicated device pins for each CAN interface, CANnTX for the transmit output and
CANnRX for the receive input (n = 0 or 1).
The CAN core implements the basic CAN protocol features such as bit-stuffing, CRC calculation/checking,
and error management. It controls the transceiver logic and creates error signals according to the bus
rules. In addition, it converts the data stream from the CPU (parallel data) to the serial CAN bus data.
The interface management block is divided into the register block and the interface management
processor. The register block provides the CAN interface with control information from the CPU and
provides the CPU with status information from the CAN module. Additionally, it generates the interrupt to
the CPU.
The interface management processor is a state machine executing the CPU’s transmission and reception
commands and controlling the data transfer between several message buffers and the RX/TX shift
registers.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
167
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com