Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 171 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 171 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 168Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 169Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 172Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 407 page
background image
STANDARD DATA FRAME (number of bits = 44 + 8N)
Control Field
Data Field
END OF
FRAME
CRC Field
CRC
Arbitration Field
IDENTIFIER
10 ... 0
11
4
DATA
LENGTH CODE
d
d d d
r
r r
r r
r r
r r
Bit Stuffing
8
8
1 5
16
8N (0 < N < 8)
Note:
d = dominant
r = recessive
DS020
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
22.2.2.4 Data Length Code (DLC)
The DLC field indicates the number of bytes in the data field. It consists of four bits. The data field can be
of length zero. The admissible number of data bytes for a data frame ranges from 0 to 8.
22.2.2.5 Data Field
The Data field consists of the data to be transferred within a data frame. It can contain 0 to 8 bytes. A
remote frame has no data field.
22.2.2.6 Cyclic Redundancy Check (CRC)
The CRC field consists of the CRC sequence followed by the CRC delimiter. The CRC sequence is
derived by the transmitter from the modulo 2 division of the preceding bit fields, starting with the SOF up
to the end of the data field, excluding stuff-bits, by the generator polynomial:
x15 + x14 + x10 + x8 + x7 + x4 + x3 + 1
The remainder of this division is the CRC sequence transmitted over the bus. On the receiver side, the
module divides all bit fields up to the CRC delimiter excluding stuff bits, and checks if the result is zero.
This will then be interpreted as a valid CRC. After the CRC sequence a single “recessive” bit is
transmitted as the CRC delimiter.
22.2.2.7 ACK Field
The ACK field is two bits long and contains the ACK slot and the ACK delimiter. The ACK slot is filled with
a “recessive” bit by the transmitter. This bit is overwritten with a “dominant” bit by every receiver that has
received a correct CRC sequence. The second bit of the ACK field is a “recessive” bit called the
acknowledge delimiter.
The End of Frame field closes a data and a remote frame. It consists of seven “recessive” bits.
22.2.3 CAN Frame Formats
22.2.3.1 Data Frame
The structure of a standard data frame is shown in Figure 22-3. The structure of an extended data frame
is shown in Figure 22-4.
Figure 22-3. Standard Data Frame
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
171
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com