Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 174 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 174 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 172Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 175Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 176Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 177Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 407 page
background image
ERROR FRAME
6
ERROR
FLAG
< 6
ECHO
ERROR FLAG
8
ERROR
DELIMITER
DATA FRAME OR
REMOVE FRAME
An error frame can start anywhere within a frame
INTER-FRAME OR
OVERLOAD FRAME
Note:
d = dominant
r = recessive
d
d
d
d
d
d
d
d
r
r
r
d
r
r
r
r
DS024
d
r
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
22.2.3.3 Error Frame
As shown in Figure 22-7, the Error Frame consists of the error flag and the error delimiter bit fields. The
error flag field is built up from the various error flags of the different nodes. Therefore, its length may vary
from a minimum of six bits up to a maximum of twelve bits depending on when a module has detected the
error. Whenever a bit error, stuff error, form error, or acknowledgment error is detected by a node, the
node starts transmission of an error flag at the next bit. If a CRC error is detected, transmission of the
error flag starts at the bit following the acknowledge delimiter, unless an error flag for a previous error
condition has already been started.
If a device is in the error active state, it can send a “dominant” error flag, while a error passive device is
only allowed to transmit “recessive” error flags. This is done to prevent the CAN bus from getting stuck
due to a local defect. For the various CAN device states, refer to Section 22.2.4.
Figure 22-7. Error Frame
22.2.3.4 Overload Frame
As shown in Figure 22-8, an overload frame consists of the overload flag and the overload delimiter bit
fields. The bit fields have the same length as the error frame field: six bits for the overload flag and eight
bits for the delimiter. The overload frame can only be sent after the end of frame (EOF) field and in this
way destroys the fixed form of the intermission field. As a result, all other nodes also detect an overload
condition and start the transmission of an overload flag. After an overload flag has been transmitted, the
overload frame is closed by the overload delimiter.
NOTE
A CAN module never initiates an overload frame due to its inability to process an incoming
message. However, it is able to recognize and respond to overload frames initiated by other
devices.
174
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com