Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 178 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 178 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 175Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 176Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 177Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 178Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 179Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 180Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 181Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 407 page
background image
1 to 8 Time Quanta
2 to 16 Time Quanta
4 to 25 TIme Quanta
SAMPLE
POINT
TRANSMISSION
POINT
INTERNAL
TIME QUANTA
CLOCK
ONE TIME QUANTUM
1 TIme
Quantum
A
TIME SEGMENT 1 (TSEG1)
TIME SEGMENT 2 (TSEG2)
A = synchronization segment (Sync)
DS028
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
22.2.6 Bit Time Logic
In the Bit Time Logic (BTL), the CAN bus speed and the Synchronization Jump Width can be configured
by software. The CAN module divides a nominal bit time into three time segments: synchronization
segment, time segment 1 (TSEG1), and time segment 2 (TSEG2). Figure 22-11 shows the various
elements of a CAN bit time.
22.2.6.1 CAN Bit Time
The number of time quanta in a CAN bit (CAN Bit Time) ranges between 4 and 25. The sample point is
positioned between TSEG1 and TSEG2 and the transmission point is positioned at the end of TSEG2.
Figure 22-11. Bit Timing
TSEG1 includes the propagation segment and the phase segment 1 as specified in the CAN specification
2.0B. The length of the time segment 1 in time quanta (tq) is defined by the TSEG1[3:0] bits.
TSEG2 represents the phase segment 2 as specified in the CAN specification 2.0B. The length of time
segment 2 in time quanta (tq) is defined by the TSEG2[3:0] bits.
The Synchronization Jump Width (SJW) defines the maximum number of time quanta (tq) by which a
received CAN bit can be shortened or lengthened in order to achieve resynchronization on “recessive” to
“dominant” data transitions on the bus. In the CAN implementation, the SJW must be configured less or
equal to TSEG1 or TSEG2, whichever is smaller.
22.2.6.2 Synchronization
The Synchronization Jump Width (SJW) defines the maximum number of time quanta (tq) by which a
received CAN bit can be shortened or lengthened in order to achieve re-synchronization on “recessive” to
“dominant” data trans tions on the bus. In the CAN implementation, the SJW must be configured less or
equal to TSEG1 or TSEG2, whichever is smaller.
However, two CAN nodes never operate at exactly the same clock rate, and the bus signal may deviate
from the ideal waveform due to the physical conditions of the network (bus length and load). To
compensate for the various delays within a network, the sample point can be positioned by programming
the length of TSEG1 and TSEG2 (see Figure 22-11).
In addition, two types of synchronization are supported. The BTL logic compares the incoming edge of a
CAN bit with the internal bit timing. The internal bit timing can be adapted by either hard or soft
synchronization (re-synchronization).
Hard synchronization is performed at the beginning of a new frame with the falling edge on the bus while
the bus is idle. This is interpreted as the SOF. It restarts the internal logic.
178
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com