Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 175 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 175 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 172Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 175Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 176Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 177Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 178Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 407 page
background image
INTERFRAME SPACE
8
SUSPEND
TRANSMIT
INT
3
Bus Idle
ANY FRAME
INT = Intermission
Suspend Transmission is only for error passive nodes.
DATA FRAME OR
REMOTE FRAME
Note:
d = dominant
r = recessive
r
r
r
DS026
d
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
OVERLOAD FRAME
6
OVERLOAD
FLAG
8
OVERLOAD
DELIMITER
END OF FRAME OR
ERROR DELIMITER OR
OVERLOAD DELIMITER
An overload frame can only start at the end of a frame
INTER-FRAME SPACE
OR ERROR FRAME
Note:
d = dominant
r = recessive
d
r
r
r
r
DS025
r
r
r
r
d
d
d
d
d
d
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 22-8. Overload Frame
22.2.3.5 Interframe Space
Data and remote frames are separated from every preceding frame (data, remote, error and overload
frames) by the interframe space (see Figure 22-9). Error and overload frames are not preceded by an
interframe space; they can be transmitted as soon as the condition occurs. The interframe space consists
of a minimum of three bit fields depending on the error state of the node.
Figure 22-9. Interframe Space
22.2.4 Error Types
22.2.4.1 Bit Error
A CAN device which is currently transmitting also monitors the bus. If the monitored bit value is different
from the transmitted bit value, a bit error is detected. However, the reception of a “dominant” bit instead of
a “recessive” bit during the transmission of a passive error flag, during the stuffed bit stream of the
arbitration field, or during the acknowledge slot is not interpreted as a bit error.
22.2.4.2 Stuff Error
A stuff error is detected if 6 consecutive bits occur without a state change in a message field encoded with
bit stuffing.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
175
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com