Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 173 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 173 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 169Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 172Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 175Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 176Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 407 page
background image
EXTENDED REMOTE FRAME (number of bits = 64)
Control Field
END OF
FRAME
CRC Field
CRC
Arbitration Field
IDENTIFIER
28 ... 18
Note:
d = dominant
r = recessive
11
4
DATA
LENGTH CODE
d
r r
r d d
r
r r
r r
r r
r r
18
15
16
IDENTIFIER
17 ... 0
DS023
STANDARD REMOTE FRAME (number of bits = 44)
Control Field
END OF
FRAME
CRC Field
CRC
Arbitration Field
IDENTIFIER
10 ... 0
11
d
d d d
r
r r
r r
r r
r r
15
4
16
DATA
LENGTH CODE
Note:
d = dominant
r = recessive
DS022
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 22-5. Standard Remote Frame
Figure 22-6. Extended Remote Frame
A remote frame is comprised of the following fields, which is the same as a data frame (see
Section 22.2.2) except for the data field, which is not present.
•
Start of Frame (SOF
•
Arbitration Field + Extended Arbitration
•
Control Field
•
Cyclic Redundancy Check Field (CRC)
•
Acknowledgment field (ACK)
•
End of Frame (EOF)
Note that the DLC must have the same value as the corresponding data frame to prevent contention on
the bus. The RTR bit is “recessive”.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
173
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com