Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 182 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 182 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 178Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 179Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 180Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 181Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 182Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 183Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 184Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 185Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 407 page
background image
Buffer 0
BUFFER_ID
Buffer 13
BUFFER_ID
GMASK1
GMASK2
Buffer 14
BUFFER_ID
BMASK1
BMASK2
DS032
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
22.3 Message Transfer
Each CAN module has access to 15 independent message buffers, which are memory mapped in RAM.
Each message buffer consists of 8 different 16-bit RAM locations and can be individually configured as a
receive message buffer or as a transmit message buffer.
A dedicated acceptance filtering procedure enables software to configure each buffer to receive only a
single message ID or a group of messages. One buffer uses an independent filtering procedure, which
provides the possibility to establish a BASIC-CAN path.
For reception of data frame or remote frames, a CAN module follows a “receive on first match” rule which
means that a given message is only received by one buffer: the first one which matches the received
message ID.
The transmission of a frame can be initiated by software writing to the transmit status and priority register.
An alternate way to schedule a transmission is the automatic answer to remote frames. In the latter case,
the CAN module will schedule every buffer for transmission to respond to remote frames with a given
identifier if the acceptance mask matches. This implies that a single remote frame is able to poll multiple
matching buffers configured to respond to the triggering remote transmission request.
22.4 Acceptance Filtering
Two 32-bit masks are used to filter unwanted messages from the CAN bus: GMASK and BMASK.
Figure 22-15 shows the mask and the buffers controlled by the masks.
Figure 22-15. Acceptance Filtering
Acceptance filtering of the incoming messages for the buffers 0...13 is performed by means of a global
filtering mask (GMASK) and by the buffer ID of each buffer. Acceptance filtering of incoming messages for
buffer 14 is performed by a separate filtering mask (BMASK) and by the buffer ID of that buffer.
Once a received object is waiting in the hidden buffer to be copied into a buffer, the CAN module scans all
buffers configured as receive buffers for a matching filtering mask. The buffers 0 to 13 are checked in
ascending order beginning with buffer 0. The contents of the hidden buffer are copied into the first buffer
with a matching filtering mask.
Bits holding a 1 in the global filtering mask (GMASK) can be represented as a “don’t care” of the
associated bit of each buffer identifier, regardless of whether the buffer identifier bit is 1 or 0.
182
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com