| Electronic Components Datasheet Search |
|
CP3SP33SMS/NOPB Datasheet(PDF) 185 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB Datasheet(HTML) 185 Page - Texas Instruments |
|
185 / 407 page ![]() Hidden Receive Buffer CR16CAN Buffer 0 BUFFER_ID Buffer 13 BUFFER_ID Buffer 14 BUFFER_ID DS036 CP3SP33 www.ti.com SNOSCW5 – MAY 2013 Figure 22-19. Receive Buffer The following section gives an overview of the reception of the different types of frames. The received data frame is stored in the first matching receive buffer beginning with buffer 0. For example, if the message is accepted by buffer 5, then at the time the message will be copied, the RX request is cleared and the CAN module will not try to match the frame to any subsequent buffer. All contents of the hidden receive buffer are always copied into the respective receive buffer. This includes the received message ID as well as the received Data Length Code (DLC); therefore when some mask bits are set to don’t care, the ID field will get the received message ID which could be different from the previous ID. The DLC of the receiving buffer will be updated by the DLC of the received frame. The DLC of the received message is not compared with the DLC already present in the CNSTAT register of the message buffer. This implies that the DLC code of the CNSTAT register indicates how may data bytes actually belong to the latest received message. The remote frames are handled by the CAN interface in two different ways. In the first method, remote frames can be received like data frames by configuring the buffer to be RX_READY and setting the ID bits including the RTR bit. In that case, the same procedure applies as described for Data Frames. In the second method, a remote frame can trigger one or more message buffer to transmit a data frame upon reception. This procedure is described under section Section 22.6. 22.5.1 Receive Timing As soon as a CAN module receives a “dominant” bit on the CAN bus, the receive process is started. The received ID and data will be stored in the hidden receive buffer if the global or basic acceptance filtering matches. After the reception of the data, CAN module tries to match the buffer ID of buffer 0...14. The data will be copied into the buffer after the reception of the 6th EOF bit as a message is valid at this time. The copy process of every frame, regardless of the length, takes at least 17 CKI cycles (see also Section 22.9.1). Figure 22-20 shows the receive timing. Copyright © 2013, Texas Instruments Incorporated Dual CAN Interfaces 185 Submit Documentation Feedback Product Folder Links :CP3SP33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |