Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 187 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 187 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 183Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 184Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 185Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 186Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 187Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 188Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 189Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 190Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 407 page
background image
No
No
No
Yes
Ye s
Ye s
Read buffer
Exit
Interrupt Entry Point
Read CNSTAT
Write RX_READY
Read CNSTAT
Clear RX_PND
Read buffer (id/data/control)
RX_READY?
RX_BUSYx?
RX_BUSYx?
RX_FULL or
RX_OVERRUN?
RX_OVERRUN?
(optional, for information)
Yes
No
DS038
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 22-21. Buffer Read Routine (BUFFLOCK Disabled)
The first step is only applicable if polling is used to get the status of the receive buffer. It can be deleted
for an interrupt driven receive routine.
1. Read the status (CNSTAT) of the receive buffer. If the status is RX_READY, no was the message
received, so exit. If the status is RX_BUSY, the copy process from hidden receive buffer is not
completed yet, so read CNSTAT again.
If a buffer is configured to RX_READY and its interrupt is enabled, it will assert an interrupt as soon as
the buffer has received a message and entered the RX_FULLstate (see also Section 22.7). In that
case the procedure described below must be followed.
2. Read the status to determine if a new message has overwritten the one originally received which
triggered the interrupt.
3. Write RX_READY into CNSTAT.
4. Read the ID/data and object control (DLC/RTR) from the message buffer.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
187
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com