Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 191 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 191 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 187Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 188Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 189Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 190Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 191Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 192Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 193Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 407 page
background image
Exit
Write_buffer
Write
TX_ONCE
or
TX_ONCE_RTR
or
TX_RTR
Write
TX_NOT_ACTIVE
Write ID/data
TX_BUSYx?
Yes
No
DS041
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 22-4. Transmit Priority (TXPRI not 0) (continued)
TXPRI
BUFFER NUMBER
PRI(1)
TX PRIORITY
2
12
44
1
13
29
0
14
14
Highest
22.6.3 Transmit Procedure
The transmission of a CAN message must be executed as follows (see Figure 22-24)
1. Configure the CNSTAT status field as TX_NOT_ACTIVE. If the status is TX_BUSY, a previous
transmit request is still pending and software has no access to the data contents of the buffer. In that
case, software may choose to wait until the buffer becomes available again as shown. Other options
are to exit from the update routine until the buffer has been transmitted with an interrupt generated, or
the transmission is aborted by an error.
2. Load buffer identifier and data registers. (For remote frames the RTR bit of the identifier needs to be
set and loading data bytes can be omitted.)
3. Configure the CNSTAT status field to the desired value:
–
TX_ONCE to trigger the transmission process of a single frame.
–
TX_ONCE_RTR to trigger the transmission of a single data frame and then wait for a received
remote frame to trigger consecutive data frames.
–
TX_RTR waits for a remote frame to trigger the transmission of a data frame.
Writing TX_ONCE or TX_ONCE_RTR in the CNSTAT status field will set the internal transmit request for
the CAN module.
If a buffer is configured as TX_RTR and a remote frame is received, the data contents of the addressed
buffer will be transmitted automatically without further CPU activity.
Figure 22-24. Buffer Write Routine
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
191
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com