Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 194 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 194 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 190Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 191Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 192Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 193Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 407 page
background image
16-Bit counter
1
+
Reset
TSTP register
ACK slot
ACK slot and buffer 0 active
CAN bits on the bus
DS044
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 22-5. Highest Priority Interrupt Code (ICEN=FFFF) (continued)
CAN INTERRUPT REQUEST
IRQ
IST3
IST2
IST1
IST0
Buffer 9
1
1
0
1
0
Buffer 10
1
1
0
1
1
Buffer 11
1
1
1
0
0
Buffer 12
1
1
1
0
1
Buffer 13
1
1
1
1
0
Buffer 14
1
1
1
1
1
22.7.2 Usage Notes
The interrupt code IST3:0 can be used within the interrupt handler as a displacement to jump to the
relevant subroutine.
The CAN Interrupt Code Enable (CICEN) register is used in the CAN interrupt handler if software is
servicing all receive buffer interrupts first, followed by all transmit buffer interrupts. In this case, software
can first enable only receive buffer interrupts to be coded, then scan and service all pending interrupt
requests in the order of their priority. After processing all the receive interrupts, software changes the
CICEN register to disable all receive buffers and enable all transmit buffers, then services all pending
transmit buffer interrupt requests according to their priorities.
22.8 Time Stamp Counter
Each CAN module features a free running 16-bit timer (CTMR) incrementing every bit time recognized on
the CAN bus. The value of this timer during the ACK slot is captured into the TSTP register of a message
buffer after a successful transmission or reception of a message. Figure 22-27 shows a simplified block
diagram of the Time Stamp counter.
Figure 22-27. Time Stamp Counter
The timer can be synchronized over the CAN network by receiving or transmitting a message to or from
buffer 0. In this case, the TSTP register of buffer 0 captures the current CTMR value during the ACK slot
of a message (as above), and then the CTMR is reset to 0000b. Synchronization can be enabled or
disabled using the CGCR.TSTPEN bit.
22.9 Memory Organization
Each CAN module occupies 288 words in the memory address space. This space is organized as 15
banks of 16 words per bank (plus one 16-word reserved bank) for the message buffers and 28 words
(plus 4 reserved words) for control and status.
22.9.1 CPU Access to CAN Registers/Memory
All memory locations occupied by the message buffers are shared by the CPU and CAN modules, with
CPU access having priority over CAN access. The CAN modules and the CPU normally have single-cycle
access to this memory. However, if an access contention occurs, the access to the memory is blocked
every cycle until the contention is resolved. This access arbitration is transparent to software.
194
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com