Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 195 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 195 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 191Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 192Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 193Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
If a buffer is busy during the reception of an object (copy process from the hidden receive buffer) or is
scheduled for transmission, the CPU has no write access to the data contents of the buffer. Write to the
status/control byte and read access to the whole buffer is always enabled.
All configuration and status registers can either be accessed by the CAN module or the CPU. These
registers provide single-cycle access without any potential wait state.
All register descriptions within the next sections have the following layout:
15
0
Bit/Field Names
Reset Value
CPU Access (R = read only, W = write only, R/W = read/write)
The CAN peripheral registers and shared memory are implemented as 16-bit words which occupy the
lower half of 32-bit doubleword locations in the address space. The upper half is reserved.
22.9.2 Message Buffer Organization
The message buffers are the communication interfaces between CAN and the CPU for the transmission
and the reception of CAN frames. There are 15 message buffers located at fixed addresses in RAM. As
shown in Table 22-6, each buffer consists of two words reserved for the identifiers, 4 words reserved for
up to eight CAN data bytes, one word reserved for the time stamp, and one word for data length code,
transmit priority code, and the buffer status codes.
Table 22-6. Message Buffer Map
Buffer
Address
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Register
BASE + 00h
CNSTAT
DLC
Reserved
PRI
ST
BASE + 04h
TSTP
TSTP[15:0]
BASE + 08h
DATA3
Data7[7:0]
Data8[7:0]
BASE + 0Ch
DATA2
Data5[7:0]
Data6[7:0]
BASE + 10h
DATA1
Data3[7:0]
Data4[7:0]
BASE + 14h
DATA0
Data1[7:0]
Data2[7:0]
BASE + 18h
ID0
XI[14:0]
RTR
BASE + 1Ch
ID1
XI[28:18]/ID[10:0]
SRR/RTR
IDE
XI[17:15]
22.10 CAN Controller Registers
Table 22-7 lists the registers for the two CAN modules (CAN0 and CAN1).
Table 22-7. CAN Controller Registers
NAME
ADDRESS
DESCRIPTION
CNSTAT
See Table 22-6
Message Buffer Status/Control Register
CGCR0
FF BA00h
CAN0 Global Configuration Register
CGCR1
FF BE00h
CAN1 Global Configuration Register
CTIM0
FF BA04h
CAN0 Timing Register
CTIM1
FF BE04h
CAN1 Timing Register
GMSKX0
FF BA08h
CAN0 Global Mask Register
GMSKX1
FF BE08h
CAN1 Global Mask Register
GMSKB0
FF BA0Ch
CAN0 Global Mask Register
GMSKB1
FF BE0Ch
CAN1 Global Mask Register
BMSKX0
FF BA10h
CAN0 Basic Mask Register
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
195
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com