Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 192 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 192 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 188Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 189Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 190Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 191Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 192Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 193Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 407 page
background image
TX_ONCE_RTR
1110
CAN
schedules TX
RTR
received
TX done
Transmit
request cancelled
CPU writes 1000
Remote transmission
request sent - now wait
to receive a data frame
TX request delayed
by a TX request of higher
priority message
Transmit
request cancelled
CPU writes 1000
CAN
schedules TX
TX request
CPU writes 1100
TX request
CPU writes 1110
CPU writes 1010
TX_BUSY2
1111
TX done
transmit failed
TX_RTR
1010
TX_NOT_ACTIVE
1000
TX_BUSY0
1101
RX_READY
0010
TX_ONCE
1100
transmit failed
DS042
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
22.6.4 TX Buffer States
The transmission process can be started after software has loaded the buffer registers (data, ID, DLC,
PRI) and set the buffer status from TX_NOT_ACTIVE to TX_ONCE, TX_RTR, or TX_ONCE_RTR.
When the CPU writes TX_ONCE, the buffer will be TX_BUSY as soon as the CAN module has scheduled
this buffer for the next transmission. After the frame could be successfully transmitted, the buffer status
will be automatically reset to TX_NOT_ACTIVE when a data frame was transmitted or to RX_READY
when a remote frame was transmitted.
If the CPU configures the message buffer to TX_ONCE_RTR, it will transmit its data contents. During the
transmission, the buffer state is 1111b as the CPU wrote 1110b into the status section of the CNSTAT
register. After the successful transmission, the buffer enters the TX_RTR state and waits for a remote
frame. When it receives a remote frame, it will go back into the TX_ONCE_RTR state, transmit its data
bytes, and return to TX_RTR. If the CPU writes 1010b into the buffer status section, it will only enter the
TX_RTR state, but it will not send its data bytes before it waits for a remote frame. Figure 22-25 illustrates
the possible transmit buffer states.
Figure 22-25. Transmit Buffer States
22.7 Interrupts
Each CAN module has one dedicated ICU interrupt vector for all interrupt conditions. In addition, the data
frame receive event is an input to the MIWU (see Section 17). The interrupt process can be initiated from
the following sources.
•
CAN data transfer
–
Reception of a valid data frame in the buffer. (Buffer state changes from RX_READY to RX_FULL
or RX_OVERRUN.)
–
Successful
transmission
of
a
data
frame.
(Buffer
state
changes
from
TX_ONCE
to
TX_NOT_ACTIVE or RX_READY.)
–
Successful response to a remote frame. (Buffer state changes from TX_ONCE_RTR to TX_RTR.)
–
Transmit scheduling. (Buffer state changes from TX_RTR to TX_ONCE_RTR.)
192
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com