Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 197 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 197 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 193Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 200Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 22-8. Buffer Status Section of the CNSTAT Register (continued)
ST3
ST0
ST2
ST1
BUFFER STATUS
(DIR)
(BUSY)
1
0
0
0
TX_NOT_ACTIVE
1
0
0
1
Reserved for TX_BUSY. (This state indicates that software wrote TX_NOT_ACTIVE to a transmit
buffer which is scheduled for transmission or is currently transmitting.)
1
1
0
0
TX_ONCE
1
1
0
1
TX_BUSY0 (Indicates that a buffer is scheduled for transmission or is actively transmitting; it can be
due to one of two cases: a message is pending for transmission or is currently transmitting, or an
automated answer is pending for transmission or is currently transmitting.)
1
0
1
0
TX_RTR (Automatic response to a remote frame.)
1
0
1
1
Reserved for TX_BUSY1. (This condition does not occur.)
1
1
1
0
TX_ONCE_RTR (Changes to TX_RTR after transmission.)
1
1
1
1
TX_BUSY2 (Indicates that a buffer is scheduled for transmission or is actively transmitting; it can be
due to one of two cases: a message is pending for transmission or is currently transmitting, or an
automated answer is pending for transmission or is currently transmitting.)
PRI
The Transmit Priority Code field holds the software-defined transmit priority code for the message
buffer.
DLC
The Data Length Code field determines the number of data bytes within a received/transmitted
frame. For transmission, these bits need to be set according to the number of data bytes to be
transmitted. For reception, these bits indicate the number of valid received data bytes available in
the message buffer. Table 22-9 shows the possible bit combinations for DLC3:0 for data lengths
from 0 to 8 bytes.
Table 22-9. Data Length Coding
DLC
Number of Data Bytes(1)
0000
0
0001
1
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8
(1)
The maximum number of data bytes received/transmitted is 8, even
if the DLC field is set to a value greater than 8. Therefore, if the data
length code is greater or equal to eight bytes, the DLC field is
ignored.
22.10.2 Storage of Standard Messages
During the processing of standard frames, the Extended-Identifier (IDE) bit is clear. The ID1[3:0] and
ID0[15:0] bits are “don’t care” bits. A standard frame with eight data bytes is shown in Table 22-10.
IDE
The Identifier Extension bit determines whether the message is a standard frame or an
extended frame.
0 – Message is a standard frame using 11 identifier bits.
1 – Message is an extended frame.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
197
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com