Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 201 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 201 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 200Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 203Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 204Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 407 page
background image
Storage of Data Bytes
in the Buffer Memory
Sequence of Data Bytes on the Bus
CRC
Data8
t
Data7
Data6
Data5
Data4
Data3
Data2
Data1
ID
Data7
Data8
0A
Data5
16
Data6
08
Data3
16
Data4
06
Data1
16
Data2
04
Data Bytes
16
ADDR Offset
DS046
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 22-29. Data Direction Bit Set
LO
The Listen Only bit can be used to configure the CAN interface to behave only as a
receiver. This means:
● Cannot transmit any message.
● Cannot send a dominant ACK bit
● When errors are detected on the bus, the CAN module will behave as in the error
passive mode.
Using this listen only function, the CAN interface can be adjusted for connecting to an
operating network with unknown bus speed.
0 – Transmit/receive mode.
1 – Listen-only mode.
When the Ignore Acknowledge bit is set, the CAN module does not expect to receive a
dominant ACK bit to indicate the validity of a transmitted message. It will not send an error
frame when the transmitted frame is not acknowledged by any other CAN node. This
feature can be used in conjunction with the LOOPBACK bit for stand-alone tests outside
of a CAN network.
0 – Normal mode.
1 – The CAN module does not expect to receive a dominant ACK bit to indicate the
validity of a transmitted message.
LOOPBACK
When the Loopback bit is set, all messages sent by the CAN module can also be received
by a CAN module buffer with a matching buffer ID. However, the CAN module does not
acknowledge a message sent by itself. Therefore, the CAN module will send an error
frame when no other device connected to the bus has acknowledged the message.
0 – No loopback.
1 – Loopback enabled.
INTERNAL
If the Internal function is enabled, the CANnTX and CANnRX pins of the CAN module are
internally connected to each other. This feature can be used in conjunction with the
LOOPBACK mode. This means that the CAN module can receive its own sent messages
without connecting an external transceiver chip to the CANnTX and CANnRX pins; it
allows software to run real stand-alone tests without any peripheral devices.
0 – Normal mode.
1 – Internal mode.
DIAGEN
The Diagnostic Enable bit globally enables or disables the special diagnostic features of
the CAN module. This includes the following functions:
● LO (Listen Only)
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
201
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com