Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 200 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 200 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 200Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 203Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 407 page
background image
Storage of Data Bytes
in the Buffer Memory
Sequence of Data Bytes on the Bus
CRC
Data8
t
Data7
Data6
Data5
Data4
Data3
Data2
Data1
ID
Data2
Data1
0A
Data4
16
Data3
08
Data6
16
Data5
06
Data8
16
Data7
04
Data Bytes
16
ADDR Offset
DS045
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
CANEN
The CAN Enable bit enables/disables the CAN module. When the CAN module is disabled,
all internal states and the TEC and REC counter registers are cleared. In addition the CAN
module clock is disabled. All CAN module control registers and the contents of the object
memory are left unchanged. Software must make sure that no message is pending for
transmission before the CAN module is disabled.
0 – CAN module is disabled.
1 – CAN module is enabled.
CTX
The Control Transmit bit configures the logic level of the CAN transmit pin CANnTX.
0 – Dominant state is 0; recessive state is 1.
1 – Dominant state is 1; recessive state is 0.
CRX
The Control Receive bit configures the logic level of the CAN receive pin CANnRX.
0 – Dominant state is 0; recessive state is 1.
1 – Dominant state is 1; recessive state is 0.
BUFFLOCK The Buffer Lock bit configures the buffer lock function. If this feature is enabled, a buffer
will be locked upon a successful frame reception. The buffer will be unlocked again by
writing RX_READY in the buffer status register, i.e., after reading data.
0 – Lock function is disabled for all buffers.
1 – Lock function is enabled for all buffers.
TSTPEN
The Time Stamp Enable bit enables or disables the time stamp synchronization function of
the CAN module.
0 – Time synchronization disabled. The Time Stamp counter value is not reset upon
reception or transmission of a message to/ from buffer 0.
1 – Time synchronization enabled. The Time Stamp counter value is reset upon reception
or transmission of a message to/from buffer 0.
DDIR
The Data Direction bit selects the direction the data bytes are transmitted and received.
The CAN module transmits and receives the CAN Data1 byte first and the Data8 byte last
(Data1, Data2,...,Data7, Data8). If the DDIR bit is clear, the data contents of a received
message is stored with the first byte at the highest data address and the last data at the
lowest data address (see Figure 69). The same applies for transmitted data.
0 – First byte at the highest address, subsequent bytes at lower addresses.
1 – First byte at the lowest address, subsequent bytes at higher addresses.
Figure 22-28. Data Direction Bit Clear
Setting the DDIR bit will cause the direction of the data storage to be reversed — the last byte received is
stored at the highest address and the first byte is stored at the lowest address, as shown in
Figure 22-29.
200
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com