Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 202 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 202 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 200Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 203Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 204Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 205Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
● IGNACK (Ignore Acknowledge).
● LOOPBACK (Loopback)
● INTERNAL (Internal Loopback).
● Write access to hidden receive buffer.
0 – Normal mode.
1 – Diagnostic features enabled.
EIT
The Error Interrupt Type bit controls the behavior of the Error Interrupt Pending bit
(CIPNDn.EIPND) when an error Interrupt is asserted, if enabled by the Error Interrupt
Enable bit (CIENn.EIEN).
0 – The EIPND bit is set on every error on the CAN bus.
1 – The EIPND bit is set only if the error state (CSTPNDn.NS) changes as a result of
incrementing either the receive or transmit error counter.
22.10.7 CAN Timing Register n (CTIMn)
The CTIMn register defines the configuration of the Bit Time Logic (BTL).
15
9 8
7 6
3 2
0
PSC
SJW
TSEG1
TSEG2
0
R/W
PSC
The Prescaler Configuration field specifies the CAN prescaler. The settings are shown in
Table 22-13.
Table 22-13. CAN Prescaler Settings
PSC6:0
Prescaler
000000
2
000001
3
000010
4
000011
5
000100
6
:
:
1111101
127
1111110
128
1111111
128
SJW
The Synchronization Jump Width field specifies the Synchronization Jump Width, which can be
programmed between 1 and 4 time quanta (see Table 22-14).
Table 22-14. SJW Setting
SJW(1)
Synchronization Jump Width (SJW)
00
1 time quantum
01
2 time quanta
10
3 time quanta
11
4 time quanta
(1)
The settings of SJW must be configured to be smaller or equal to
TSEG1 and TSEG2
202
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com