Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 205 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 205 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 203Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 204Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 205Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 206Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 207Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 208Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
When an extended frame is received from the CAN bus, all BMSKn bits BM28:0, IDE, RTR, and XRTR
are used to mask the incoming message. In this case, the RTR bit in the BMSKn register corresponds to
the SRR bit in the message. The XRTR bit in the BMSKn register corresponds to the RTR bit in the
message.
During the reception of standard frames, only the BMSKn bits BM28:18, RTR, and IDE are used. In this
case, the BM28:18 bits in the BMSKn register correspond to the ID10:0 bits in the message.
Basic Mask
BM28:18
RTR
IDE
BM17:0
XRTR
Standard Frame
ID10:0
RTR
IDE
Unused
Extended Frame
ID28:18
SRR
IDE
ID17:0
RTR
22.10.10 CAN Interrupt Enable Register n (CIENn)
The CIENn register enables the transmit/receive interrupts of the message buffers 0 through 14 as well as
the CAN Error Interrupt.
15
14
0
EIEN
IEN
0
R/W
EIEN
The Error Interrupt Enable bit allows the CAN module to interrupt the CPU if any kind of CAN
receive/transmit errors are detected. This causes any error status change in the error counter
registers REC/TEC is able to generate an error interrupt.
0 – The error interrupt is disabled and no error interrupt will be generated.
1 – The error interrupt is enabled and a change in REC/TEC will cause an interrupt to be
generated.
IEN
The Buffer Interrupt Enable bits allow software to enable/disable the interrupt source for the
corresponding message buffer. For example, IEN14 controls interrupts from buffer14, and IEN0
controls interrupts from buffer0.
0 – Buffer as interrupt source disabled.
1 – Buffer as interrupt source enabled.
22.10.11 CAN Interrupt Pending Register n (CIPNDn)
The CIPNDn register indicates any CAN Receive/Transmit Interrupt Requests caused by the message
buffers 0..14 and CAN error occurrences.
15
14
0
EIPND
IPND
0
R
EIPND
The Error Interrupt Pending field indicates the status change of TEC/REC and will execute an
error interrupt if the EIEN bit is set. Software has the responsibility to clear the EIPND bit
using the CICLRn register.
0 – CAN status is not changed.
1 – CAN status is changed.
IPND
The Buffer Interrupt Pending bits are set by the CAN module following a successful
transmission or reception of a message to or from the corresponding message buffer. For
example, IPND14 corresponds to buffer14, and IPND0 corresponds to buffer0.
0 – No interrupt pending for the corresponding message buffer.
1 – Message buffer has generated an interrupt.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
205
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com